Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0156BA02421S Datasheet (PDF) - API Technologies Corp

SF0156BA02421S Datasheet PDF - API Technologies Corp
Part # SF0156BA02421S
Download  SF0156BA02421S Download
File Size   170.32 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 156 MHz SAW Filter 9.4 MHz Bandwidth

SF0156BA02421S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0156BA02421S Datasheet PDF - API Technologies Corp

Part # SF0156BA02421S
Download  SF0156BA02421S Click to download

File Size   170.32 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 156 MHz SAW Filter 9.4 MHz Bandwidth

SF0156BA02421S Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF0156BA02421S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0156BA02421S ICST-SF0156BA02421S Datasheet
86Kb / 3P
156.00 MHz Bandpass Filter 9.4 MHz bandwidth
More results


Similar Description - SF0156BA02421S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0156BA02421S ICST-SF0156BA02421S Datasheet
86Kb / 3P
156.00 MHz Bandpass Filter 9.4 MHz bandwidth
logo
RF Monolithics, Inc
SF2063A RFM-SF2063A Datasheet
419Kb / 4P
156 MHz SAW Filter
SF2064A RFM-SF2064A Datasheet
125Kb / 5P
156 MHz SAW Filter
SF2157A RFM-SF2157A Datasheet
434Kb / 5P
156 MHz SAW Filter
logo
API Technologies Corp
SF0156BA02422S APITECH-SF0156BA02422S Datasheet
171Kb / 3P
156 MHz SAW Filter 10 MHz Bandwidth
logo
Murata Manufacturing Co...
SF2063A MURATA-SF2063A Datasheet
419Kb / 4P
156 MHz SAW Filter
SF2064A MURATA-SF2064A Datasheet
125Kb / 5P
156 MHz SAW Filter
SF2157A MURATA-SF2157A Datasheet
434Kb / 5P
156 MHz SAW Filter
logo
Integrated Technology F...
250926B ITF-250926B Datasheet
166Kb / 2P
Typical 1dB bandwidth of 9.4 MHz
Rev 1.0 2015. 03. 25
logo
Transko Electronics, In...
TL1410V TRANSKO-TL1410V Datasheet
489Kb / 3P
Low-Loss 140.00 MHz IF SAW Filter / 9.4 MHz Bandwidth
Revision 1: 29 Oct. 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com