Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2172C Datasheet (PDF) - RF Monolithics, Inc

SF2172C Datasheet PDF - RF Monolithics, Inc
Part # SF2172C
Download  SF2172C Download
File Size   489.78 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 280 MHz SAW Filter

SF2172C Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2172C Datasheet PDF - RF Monolithics, Inc

Part # SF2172C
Download  SF2172C Click to download

File Size   489.78 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 280 MHz SAW Filter

SF2172C Datasheet (HTML) - RF Monolithics, Inc


SF2172C Product details

280 MHz SAW Filter

• Low Insertion Loss
• 5.0 X 5.0 mm Surface-Mount Case
• Single Ended Input and Output
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF2172C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2172C MURATA-SF2172C Datasheet
489Kb / 5P
280 MHz SAW Filter
More results


Similar Description - SF2172C

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855975 TRIQUINT-855975 Datasheet
476Kb / 5P
280 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0280BA01984S ICST-SF0280BA01984S Datasheet
81Kb / 2P
280 MHz Bandpass Filter 17 MHz bandwidth
Rev X10
logo
KR Electronics, Inc.
2837 KR-2837 Datasheet
371Kb / 2P
280 MHz surface mount bandpass filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0137A TAI-SAW-TB0137A Datasheet
353Kb / 5P
SAW Filter 280 MHz for WLAN
logo
Murata Manufacturing Co...
SF2172C MURATA-SF2172C Datasheet
489Kb / 5P
280 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA280E1 TAI-SAW-TA280E1 Datasheet
127Kb / 5P
SAW Filter 280, 281, 284 MHz For Pager
logo
Golledge Electronics Lt...
MA05396 GOLLEDGE-MA05396 Datasheet
263Kb / 5P
280 MHz SAW Filter for WLAN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com