Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2172C Datasheet (PDF) - Murata Manufacturing Co., Ltd.

SF2172C Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # SF2172C
Download  SF2172C Download
File Size   489.79 Kbytes
Page   5 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 280 MHz SAW Filter

SF2172C Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2172C Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # SF2172C
Download  SF2172C Click to download

File Size   489.79 Kbytes
Page   5 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 280 MHz SAW Filter

SF2172C Datasheet (HTML) - Murata Manufacturing Co., Ltd.


SF2172C Product details

280 MHz SAW Filter

• Precision SAW Filter
• 5.0 X 5.0 mm Surface-mount Case
• Single Ended Input and Output
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF2172C

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2172C RFM-SF2172C Datasheet
489Kb / 5P
280 MHz SAW Filter
More results


Similar Description - SF2172C

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855975 TRIQUINT-855975 Datasheet
476Kb / 5P
280 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0280BA01984S ICST-SF0280BA01984S Datasheet
81Kb / 2P
280 MHz Bandpass Filter 17 MHz bandwidth
Rev X10
logo
KR Electronics, Inc.
2837 KR-2837 Datasheet
371Kb / 2P
280 MHz surface mount bandpass filter
logo
RF Monolithics, Inc
SF2172C RFM-SF2172C Datasheet
489Kb / 5P
280 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0137A TAI-SAW-TB0137A Datasheet
353Kb / 5P
SAW Filter 280 MHz for WLAN
TA280E1 TAI-SAW-TA280E1 Datasheet
127Kb / 5P
SAW Filter 280, 281, 284 MHz For Pager
logo
Golledge Electronics Lt...
MA05396 GOLLEDGE-MA05396 Datasheet
263Kb / 5P
280 MHz SAW Filter for WLAN
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com