Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP508L6 Datasheet (PDF) - Sony Corporation

CXP508L6 Datasheet PDF - Sony Corporation
Part # CXP508L6
Download  CXP508L6 Download
File Size   225.27 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 4-bit Single Chip Microcomputer

CXP508L6 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP508L6 Datasheet PDF - Sony Corporation

Part # CXP508L6
Download  CXP508L6 Click to download

File Size   225.27 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 4-bit Single Chip Microcomputer

CXP508L6 Datasheet (HTML) - Sony Corporation


CXP508L6 Product details

Description
The CXP508L4/508L6 is a CMOS 4-bit microcomputer which consists of 4-bit CPU, ROM, RAM, I/O port, 8-bit timer, 8-bit timer/counter, 18-bit time base timer, 8-bit serial I/O, vector interruption, and a liquid crystal displayer (LCD) controller/driver. They are integrated into a single clip with the standby function etc. which are to be operated at low power consumption.

Features
• Instruction cycle 4µs/2MHz (2.4V to 3.5V)
• ROM capacity 4.096 × 8 bits (CXP508L4) 6.144 × 8 bits (CXP508L6)
• RAM capacity 400 × 4 bits (24 × 4 bits is used in combination with the LCD display memory)
• 32 general purpose I/O ports (For 16 segment outputs)
• LCD controller/driver (Direct drive possible)
    — Optical specification of 24, 20 or 16 segment outputs
    — 1/2, 1/3, 1/4 duty selectable through program
    — 1/3 bias
• 2 external interruption input pins
• 8-bit/4-bit variable serial I/O
• 8-bit timer, 8bit timer/event counter and 18-bit time base timer are independently controllable
• Arithmetic and logical operations possible between the entire RAM area, I/O area and the accumulator by means of memory mapped I/O
• Reference to the entire ROM area is possible with the table look-up instruction
• 2 types of power down models, sleep and stop
• 64-pin plastic SDIP/QFP available
• Piggy back package (CXP5080) available




Similar Part No. - CXP508L6

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP5080 SONY-CXP5080 Datasheet
148Kb / 6P
CMOS 4-bit Single Chip Microcomputer
CXP5084 SONY-CXP5084 Datasheet
157Kb / 11P
CMOS 4-bit Single Chip Microcomputer
CXP5086 SONY-CXP5086 Datasheet
157Kb / 11P
CMOS 4-bit Single Chip Microcomputer
More results


Similar Description - CXP508L6

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP402 SONY-CXP402 Datasheet
265Kb / 16P
CMOS 4-bit Single Chip Microcomputer
CXP50700 SONY-CXP50700 Datasheet
483Kb / 19P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
455A RENESAS-455A Datasheet
3Mb / 148P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com