Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM3210C-EVAL Datasheet (PDF) - STMicroelectronics

STM3210C-EVAL Datasheet PDF - STMicroelectronics
Part # STM3210C-EVAL
Download  STM3210C-EVAL Download
File Size   240.75 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STM3210C-EVAL evaluation board

STM3210C-EVAL Datasheet (PDF)

Go To PDF Page Download Datasheet
STM3210C-EVAL Datasheet PDF - STMicroelectronics

Part # STM3210C-EVAL
Download  STM3210C-EVAL Click to download

File Size   240.75 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STM3210C-EVAL evaluation board

STM3210C-EVAL Datasheet (HTML) - STMicroelectronics


STM3210C-EVAL Product details

Description
The STM3210C-EVAL evaluation board is a complete development platform for STMicroelectronics ARM Cortex-M3 core-based STM32F107VCT microcontroller. The range of hardware features on the board help you to evaluate all peripherals (USB-OTG FS, ethernet, motor control, CAN, microSD CardTM, smartcard, USART, audio DAC, MEMS, EEPROM and more) and develop your own applications.
Extension headers make it easy to connect a daughterboard or wrapping board for your specific application.

Features
■ Three 5 V power supply options:
   – power jack
   – USB connector
   – daughterboard
■ Boot from user Flash, system memory or SRAM
■ I2S audio DAC, stereo audio jack
■ 2 GByte microSD Card™ or bigger
■ Both A and B type smartcard support
■ I2C compatible serial interface 64 Kbit EEPROM, MEMS and I/O expander
■ RS-232 channel
■ IrDA transceiver
■ USB OTG full speed, USB microAB connection
■ IEEE-802.3-2002 compliant ethernet connector
■ Two channels of CAN 2.0A/B compliant connection
■ Inductor motor control connector
■ JTAG and trace debug support
■ 3.2” 240x320 TFT color LCD with touch screen
■ Joystick with 4-direction control and selector
■ Reset, wakeup, tamper and user buttons
■ 4 color LEDs
■ RTC with backup battery
■ MCU consumption measurement circuit
■ Extension connector for daughterboard or wrapping board




Similar Part No. - STM3210C-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM3210C-KEI STMICROELECTRONICS-STM3210C-KEI Datasheet
220Kb / 4P
Keil™ starter kit for STM32F1 series Connectivity Line microcontrollers (STM32F107VC MCU)
11-May-2012
STM3210C-SK STMICROELECTRONICS-STM3210C-SK Datasheet
220Kb / 4P
Keil™ starter kit for STM32F1 series Connectivity Line microcontrollers (STM32F107VC MCU)
11-May-2012
STM3210C-SK/IAR STMICROELECTRONICS-STM3210C-SK/IAR Datasheet
86Kb / 5P
IAR??starter kits for ST ARM core-based microcontrollers
18-Jun-2009
STM3210C-SK/KEIL STMICROELECTRONICS-STM3210C-SK/KEIL Datasheet
220Kb / 4P
Keil™ starter kit for STM32F1 series Connectivity Line microcontrollers (STM32F107VC MCU)
11-May-2012
More results


Similar Description - STM3210C-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101-EVAL STMICROELECTRONICS-STM8L101-EVAL Datasheet
152Kb / 4P
STM8L101-EVAL evaluation board
02-Aug-2010
STM32L152-EVAL STMICROELECTRONICS-STM32L152-EVAL Datasheet
100Kb / 3P
STM32L152-EVAL evaluation board
07-Jan-2010
STM3210B-EVAL STMICROELECTRONICS-STM3210B-EVAL Datasheet
192Kb / 3P
STM3210B-EVAL evaluation board
09-Aug-2010
STM3220G-EVAL STMICROELECTRONICS-STM3220G-EVAL Datasheet
233Kb / 3P
STM3220G-EVAL evaluation board
24-Mar-2011
STM3240G-EVAL STMICROELECTRONICS-STM3240G-EVAL Datasheet
186Kb / 3P
STM3240G-EVAL evaluation board
15-Sep-2011
STM32100B-EVAL STMICROELECTRONICS-STM32100B-EVAL Datasheet
130Kb / 3P
STM32100B-EVAL evaluation board
09-Aug-2010
STM320518-EVAL STMICROELECTRONICS-STM320518-EVAL Datasheet
95Kb / 3P
STM320518-EVAL evaluation board
23-Apr-2012
STR750-EVAL STMICROELECTRONICS-STR750-EVAL Datasheet
136Kb / 4P
STR750-EVAL evaluation board
25-Oct-2010
UM1018 STMICROELECTRONICS-UM1018 Datasheet
1Mb / 42P
STM32L152-EVAL evaluation board
14-Nov-2011
EVAL-L9907 STMICROELECTRONICS-EVAL-L9907 Datasheet
9Mb / 5P
EVAL-L9907 Evaluation Board
April 2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com