Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-L9907 Datasheet (PDF) - STMicroelectronics

EVAL-L9907 Datasheet PDF - STMicroelectronics
Part # EVAL-L9907
Download  EVAL-L9907 Download
File Size   9909.48 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description EVAL-L9907 Evaluation Board

EVAL-L9907 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL-L9907 Datasheet PDF - STMicroelectronics

Part # EVAL-L9907
Download  EVAL-L9907 Click to download

File Size   9909.48 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description EVAL-L9907 Evaluation Board

EVAL-L9907 Datasheet (HTML) - STMicroelectronics


EVAL-L9907 Product details

Description
The EVAL-L9907 is designed to provide the user with a platform for the evaluation of the L9907 device. The Board provides all the main input/output capabilities necessary to drive a BLCD motor and provide also diagnostic functionalities. L9907 is fully integrated 3-phase pre-driver with integrated booster capable to drive all kind of Power MOS transistors in 3-phase BLDC motor applications up to 54 V. The integrated boost regulator provides sufficient gate charge to driver Power MOS down to 6 V. The circuit is suitable to operate in environments with high supply voltage such as double battery in 48V systems.L9907 is able to control independently the six pre-driver channels to implement all kind of electric motor control strategies, with the possibility to select among 4 gate output current levels while the application is running. All output channels are protected against short circuit.L9907 is equipped with 2 current sense amplifiers. The gain and output offset voltage of each current sense amplifier can be configured by SPI to allow max flexibility for phase or ground current sense strategy. L9907 is protected against over-temperature and shoot through events.The EVAL-L9907 can be plugged directly to SPC560P-DISP Discovery+ board and using the L9907 demonstration software it is possible to implement a 3 Phase Brush-less Motors control. Product status link EVAL-L9907

Features
■ Supply voltage range (VBatt): 6 V÷54 V
■ Load Current Capability up to 20 A
■ Device control and diagnostic via SPI
■ Flexible shunt configuration (Phase U+PhaseV or PhaseU+Total Phase)
■ 4 LEDs for monitoring VBatt, Vcc, EN1 and EN2 signal
■ Input signal connector compatible with SPC56 Discovery boards. A different microcontroller board can be connected by a simple adaptor or wire
■ Total accessibility to all pins by test points
■ Modular PCBs design to easily change the external Power MOS both SMD and throughhole Power MOS
■ Possibility to connect external USB adapter for the SPI communication
■ Possibility to use external Boost components by removing jumpers




Similar Part No. - EVAL-L9907

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL-L9963-MCU STMICROELECTRONICS-EVAL-L9963-MCU Datasheet
4Mb / 13P
L9963 BMS IC Evaluation Board
Rev 1 - March 2020
EVAL-L9963-NDS STMICROELECTRONICS-EVAL-L9963-NDS Datasheet
2Mb / 12P
L9963 single Node in a Distributed BMS System
Rev 1 - April 2020
EVAL-L9963E-MCU STMICROELECTRONICS-EVAL-L9963E-MCU Datasheet
1Mb / 13P
L9963E BMS IC evaluation board
Rev 1 - March 2021
EVAL-L9963E-NDS STMICROELECTRONICS-EVAL-L9963E-NDS Datasheet
2Mb / 14P
L9963E single node in a distributed BMS System
Rev 1 - March 2021
More results


Similar Description - EVAL-L9907

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101-EVAL STMICROELECTRONICS-STM8L101-EVAL Datasheet
152Kb / 4P
STM8L101-EVAL evaluation board
02-Aug-2010
STM32L152-EVAL STMICROELECTRONICS-STM32L152-EVAL Datasheet
100Kb / 3P
STM32L152-EVAL evaluation board
07-Jan-2010
STM3210B-EVAL STMICROELECTRONICS-STM3210B-EVAL Datasheet
192Kb / 3P
STM3210B-EVAL evaluation board
09-Aug-2010
STM3220G-EVAL STMICROELECTRONICS-STM3220G-EVAL Datasheet
233Kb / 3P
STM3220G-EVAL evaluation board
24-Mar-2011
STM3240G-EVAL STMICROELECTRONICS-STM3240G-EVAL Datasheet
186Kb / 3P
STM3240G-EVAL evaluation board
15-Sep-2011
STM32100B-EVAL STMICROELECTRONICS-STM32100B-EVAL Datasheet
130Kb / 3P
STM32100B-EVAL evaluation board
09-Aug-2010
STM320518-EVAL STMICROELECTRONICS-STM320518-EVAL Datasheet
95Kb / 3P
STM320518-EVAL evaluation board
23-Apr-2012
STR750-EVAL STMICROELECTRONICS-STR750-EVAL Datasheet
136Kb / 4P
STR750-EVAL evaluation board
25-Oct-2010
UM0629 STMICROELECTRONICS-UM0629 Datasheet
872Kb / 26P
STM8L101-EVAL evaluation board
06-Nov-2009
UM1018 STMICROELECTRONICS-UM1018 Datasheet
1Mb / 42P
STM32L152-EVAL evaluation board
14-Nov-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com