Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA047V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA047V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA047V1
Download  STEVAL-ISA047V1 Download
File Size   214.3 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.5 A / 1.2 V step-down DC-DC converter demonstration board based on the ST1S03A

STEVAL-ISA047V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA047V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA047V1
Download  STEVAL-ISA047V1 Click to download

File Size   214.3 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.5 A / 1.2 V step-down DC-DC converter demonstration board based on the ST1S03A

STEVAL-ISA047V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA047V1 Product details

Description
This demonstration board is based on the ST1S03A, an adjustable current mode PWM step-down DC-DC converter with internal 1.5 A power switch, packaged in a 6-lead DFN 3x3 mm.
Its a complete 1.5 A switching regulator with its internal compensation eliminating additional component.
The constant frequency, current mode, PWM architecture and stable operation with ceramic capacitors results in low, predictable output ripple.
However, in order to maximize the power conversion efficiency with light load, the regulator reduces automatically the switching frequency when the output load becomes less than 250 mA typically.

Features
■ Step-down current mode PWM (1.5 MHz) DC-DC converter
■ 2% DC output voltage tolerance
■ Internal soft-start for start-up current limitation and power on delay of 50-100 µs
■ Typical efficiency: > 85%
■ Inhibit function
■ 1.5 A output current capability
■ Not switching quiescent current: max 1.5 mA (overtemperature range)
■ Switch VDS: max 200 mV @ ISW = 750 mA
■ Uses tiny capacitors and inductors
■ RoHS compliant




Similar Part No. - STEVAL-ISA047V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA047V2 STMICROELECTRONICS-STEVAL-ISA047V2 Datasheet
219Kb / 4P
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03A
01-Jul-2009
More results


Similar Description - STEVAL-ISA047V1

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
Step-Down to 12.0 V, 1.5 A, DC/DC Converter
logo
STMicroelectronics
STEVAL-ISA024V1 STMICROELECTRONICS-STEVAL-ISA024V1 Datasheet
84Kb / 4P
20 A step-down DC-DC converter demonstration board with 3.3 Vout and 250 kHz switching frequency, based on the L6725
02-Sep-2008
STEVAL-ISA042V2 STMICROELECTRONICS-STEVAL-ISA042V2 Datasheet
96Kb / 4P
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03
28-Sep-2010
STEVAL-ISA043V1 STMICROELECTRONICS-STEVAL-ISA043V1 Datasheet
84Kb / 4P
1.5 A /1.2 V high frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA043V2 STMICROELECTRONICS-STEVAL-ISA043V2 Datasheet
84Kb / 4P
1.5 A /1.2 V high-frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA047V2 STMICROELECTRONICS-STEVAL-ISA047V2 Datasheet
219Kb / 4P
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03A
01-Jul-2009
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com