Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA042V2 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA042V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA042V2
Download  STEVAL-ISA042V2 Download
File Size   96.55 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03

STEVAL-ISA042V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA042V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA042V2
Download  STEVAL-ISA042V2 Click to download

File Size   96.55 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03

STEVAL-ISA042V2 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA042V2 Product details

Description
The STEVAL-ISA042V2 demonstration board is a step-down DC-DC converter optimized for powering the low-voltage digital core in HDD applications and, more generally, replacing the high-current linear solution when the power dissipation may cause excessive heating of the application environment. It provides up to 1.5 A over an input voltage range of 3 V to 16 V.

Features
■ Adjustable current-mode PWM step-down DC-DC converter
■ Output voltage, Vout : 3.3 V
■ Output current, Iout : 1.5 A
■ Internal compensation to eliminate additional components
■ Pulse skipping for Iout lower than 15 mA, to maintain the regulation with light loads
■ RoHS compliant




Similar Part No. - STEVAL-ISA042V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA041V1 STMICROELECTRONICS-STEVAL-ISA041V1 Datasheet
163Kb / 4P
125 W SMPS based on the STP12IE95F4 ESBT switch with L6565 PWM controller
16-Apr-2010
STEVAL-ISA043V1 STMICROELECTRONICS-STEVAL-ISA043V1 Datasheet
84Kb / 4P
1.5 A /1.2 V high frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA043V2 STMICROELECTRONICS-STEVAL-ISA043V2 Datasheet
84Kb / 4P
1.5 A /1.2 V high-frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA044V1 STMICROELECTRONICS-STEVAL-ISA044V1 Datasheet
131Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
05-May-2008
STEVAL-ISA044V2 STMICROELECTRONICS-STEVAL-ISA044V2 Datasheet
132Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
01-Sep-2009
More results


Similar Description - STEVAL-ISA042V2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
STMicroelectronics
STEVAL-ISA024V1 STMICROELECTRONICS-STEVAL-ISA024V1 Datasheet
84Kb / 4P
20 A step-down DC-DC converter demonstration board with 3.3 Vout and 250 kHz switching frequency, based on the L6725
02-Sep-2008
STEVAL-ISA047V1 STMICROELECTRONICS-STEVAL-ISA047V1 Datasheet
214Kb / 4P
1.5 A / 1.2 V step-down DC-DC converter demonstration board based on the ST1S03A
30-Jun-2009
STEVAL-ISA047V2 STMICROELECTRONICS-STEVAL-ISA047V2 Datasheet
219Kb / 4P
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03A
01-Jul-2009
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com