Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA041V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA041V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA041V1
Download  STEVAL-ISA041V1 Download
File Size   163.29 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 125 W SMPS based on the STP12IE95F4 ESBT switch with L6565 PWM controller

STEVAL-ISA041V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA041V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA041V1
Download  STEVAL-ISA041V1 Click to download

File Size   163.29 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 125 W SMPS based on the STP12IE95F4 ESBT switch with L6565 PWM controller

STEVAL-ISA041V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA041V1 Product details

Description
This demonstration board is a 125 W adapter using ESBT switch STP12IE95F4, the L6565 quasi-resonant PWM controller and the STSR30 smart driver IC for flyback synchronous rectification. The main target of this design is to offer a high power, cost-effective flyback converter for notebook computer power supply with good efficiency. This is achieved by using a quasiresonant PWM driver, synchronous rectification and constant current driving of the ESBT switch. The 240-400 VDC input range of the converter is also tailored for PFC input use (not implemented on the board). It is possible to use various PFC conceptions based on other ST solutions. STEVAL-ISA041V1

Features
■ Input voltage range: 240 - 400 VDC
■ Output voltage: 19 V - 6.6 A
■ Maximum output power: 125 W
■ Short-circuit protection based on auto-restart feature
■ Minimum switching frequency: 55 kHz
■ Converter efficiency: >85%
■ Meets EN60065 safety standards PCB type and size
■ PCB grade: FR-4
■ Single-side layout
■ Copper thickness: 35 µm




Similar Part No. - STEVAL-ISA041V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA042V2 STMICROELECTRONICS-STEVAL-ISA042V2 Datasheet
96Kb / 4P
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03
28-Sep-2010
STEVAL-ISA043V1 STMICROELECTRONICS-STEVAL-ISA043V1 Datasheet
84Kb / 4P
1.5 A /1.2 V high frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA043V2 STMICROELECTRONICS-STEVAL-ISA043V2 Datasheet
84Kb / 4P
1.5 A /1.2 V high-frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA044V1 STMICROELECTRONICS-STEVAL-ISA044V1 Datasheet
131Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
05-May-2008
STEVAL-ISA044V2 STMICROELECTRONICS-STEVAL-ISA044V2 Datasheet
132Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
01-Sep-2009
More results


Similar Description - STEVAL-ISA041V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPB001V1 STMICROELECTRONICS-STEVAL-IPB001V1 Datasheet
99Kb / 4P
2 W, 3-phase SMPS for breaker applications based on the STC04IE170HP ESBT
18-Nov-2010
STEVAL-ISA019V3 STMICROELECTRONICS-STEVAL-ISA019V3 Datasheet
107Kb / 4P
80 W ESBT quasi-resonant wide-range SMPS demonstration board based on the L6565 for 3-phase applications
28-Apr-2011
STEVAL-ISA034V1 STMICROELECTRONICS-STEVAL-ISA034V1 Datasheet
158Kb / 4P
10 W 3-phase auxiliary power supply based on the L6565 and STW3N150
08-Feb-2008
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-TCS004V1 STMICROELECTRONICS-STEVAL-TCS004V1 Datasheet
147Kb / 4P
16-bit port expander demonstration board with keypad and PWM controller based on the STMPE1601
11-Nov-2009
AN1439 STMICROELECTRONICS-AN1439 Datasheet
312Kb / 17P
30 W AC-DC adapter with the L6565
12-Mar-2008
AN1657 STMICROELECTRONICS-AN1657 Datasheet
166Kb / 9P
SMPS FOR CRT MONITORS WITH THE L6565
Feb-2003
AN1729 STMICROELECTRONICS-AN1729 Datasheet
203Kb / 10P
L6565-BASED LOW COST SMPS FOR TV WITH
Jun-2003
AN2936 STMICROELECTRONICS-AN2936 Datasheet
307Kb / 10P
10 W SMPS with HV power MOSFET and the L6565
16-Mar-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com