Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9558 Datasheet (PDF) - Analog Devices

AD9558 Datasheet PDF - Analog Devices
Part # AD9558
Download  AD9558 Download
File Size   1444.23 Kbytes
Page   104 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Input Multiservice Line Card Adaptive

AD9558 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9558 Datasheet PDF - Analog Devices

Part # AD9558
Download  AD9558 Click to download

File Size   1444.23 Kbytes
Page   104 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Input Multiservice Line Card Adaptive

AD9558 Datasheet (HTML) - Analog Devices


AD9558 Product details

GENERAL DESCRIPTION

The AD9558 is a low loop bandwidth clock multiplier that provides jitter cleanup and synchronization for many systems, including synchronous optical networks (SONET/SDH). The AD9558 generates an output clock synchronized to up to four external input references. The digital PLL allows for reduction of input time jitter or phase noise associated with the external references. The digitally controlled loop and holdover circuitry of the AD9558 continuously generates a low jitter output clock even when all reference inputs have failed.

The AD9558 operates over an industrial temperature range of −40°C to +85°C. If a smaller package is required, refer to the AD9557 for the two-input/two-output version of the same part.



FEATURES

  Supports GR-1244 Stratum 3 stability in holdover mode

  Supports smooth reference switchover with virtually no disturbance on output phase

  Supports Telcordia GR-253 jitter generation, transfer, and tolerance for SONET/SDH up to OC-192 systems

  Supports ITU-T G.8262 synchronous Ethernet slave clocks

  Supports ITU-T G.823, G.824, G.825, and G.8261

  Auto/manual holdover and reference switchover

  4 reference inputs (single-ended or differential)

  Input reference frequencies: 2 kHz to 1250 MHz

  Reference validation and frequency monitoring (1 ppm)

  Programmable input reference switchover priority

  20-bit programmable input reference divider

  6 pairs of clock output pins with each pair configurable as a single differential LVDS/HSTL output or as 2 single-ended CMOS outputs

  Output frequencies: 352 Hz to 1250 MHz

  Programmable 17-bit integer and 24-bit fractional feedback divider in digital PLL

  Programmable digital loop filter covering loop bandwidths from 0.1 Hz to 5 kHz (2 kHz maximum for <0.1 dB of peaking)

  Low noise system clock multiplier

  Frame sync support

  Adaptive clocking

  Optional crystal resonator for system clock input

  On-chip EEPROM to store multiple power-up profiles

  Pin program function for easy frequency translation configuration

  Software controlled power-down

  64-lead, 9 mm × 9 mm, LFCSP package



APPLICATIONS

  Network synchronization, including synchronous Ethernet and SDH to OTN mapping/demapping

  Cleanup of reference clock jitter

  SONET/SDH clocks up to OC-192, including FEC

  Stratum 3 holdover, jitter cleanup, and phase transient control

  Wireless base station controllers

  Cable infrastructure

  Data communications



 




Similar Part No. - AD9558

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9558 AD-AD9558 Datasheet
1Mb / 105P
Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
7/2016-Rev. B to Rev. C
AD9558BCPZ AD-AD9558BCPZ Datasheet
1Mb / 105P
Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
7/2016-Rev. B to Rev. C
AD9558BCPZ-REEL7 AD-AD9558BCPZ-REEL7 Datasheet
1Mb / 105P
Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
7/2016-Rev. B to Rev. C
AD9558 AD-AD9558_16 Datasheet
1Mb / 105P
Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
7/2016-Rev. B to Rev. C
More results


Similar Description - AD9558

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP11362A NSC-TP11362A Datasheet
442Kb / 16P
Quad Adaptive Differential PCM Processor
logo
Fuji Electric
FW4560 FUJI-FW4560 Datasheet
308Kb / 2P
Multiservice Provisioning Platform
logo
KODENSHI_AUK CORP.
KK74128 KODENSHI-KK74128 Datasheet
185Kb / 3P
QUAD 2-INPUT NOR LINE DRIVER
logo
IK Semicon Co., Ltd
IN74128 IKSEMICON-IN74128 Datasheet
173Kb / 3P
QUAD 2-INPUT NOR LINE DRIVER
logo
Analog Devices
AD9557 AD-AD9557 Datasheet
1Mb / 92P
Dual Input Multiservice
REV. A
AD9559BCPZ AD-AD9559BCPZ Datasheet
1Mb / 120P
Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
REV. 0
AD9554 AD-AD9554 Datasheet
1Mb / 116P
Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
3/2017-Rev. C to Rev. D
AD9554-1 AD-AD9554-1 Datasheet
927Kb / 99P
Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
3/2017-Rev. B to Rev. C
AD9557 AD-AD9557_16 Datasheet
1Mb / 95P
Dual Input Multiservice Line Card Adaptive Clock Translator
9/2016-Rev. B to Rev. C
AD9558 AD-AD9558_16 Datasheet
1Mb / 105P
Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
7/2016-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com