Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557 Datasheet (PDF) - Analog Devices

AD9557 Datasheet PDF - Analog Devices
Part # AD9557
Download  AD9557 Download
File Size   1307.22 Kbytes
Page   92 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Input Multiservice

AD9557 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9557 Datasheet PDF - Analog Devices

Part # AD9557
Download  AD9557 Click to download

File Size   1307.22 Kbytes
Page   92 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Input Multiservice

AD9557 Datasheet (HTML) - Analog Devices


AD9557 Product details

GENERAL DESCRIPTION
The AD9557 is a low loop bandwidth clock multiplier that provides jitter cleanup and synchronization for many systems, including synchronous optical networks (OTN/SONET/SDH). The AD9557 generates an output clock synchronized to up to four external input references. The digital PLL allows for reduction of input time jitter or phase noise associated with the external references. The digitally controlled loop and holdover circuitry of the AD9557 continuously generates a low jitter output clock even when all reference inputs have failed.

FEATURES
   Supports GR-1244 Stratum 3 stability in holdover mode
   Supports smooth reference switchover with virtually
      no disturbance on output phase
   Supports Telcordia GR-253 jitter generation, transfer, and
      tolerance for SONET/SDH up to OC-192 systems
   Supports ITU-T G.8262 synchronous Ethernet slave clocks
   Supports ITU-T G.823, G.824, G.825, and G.8261
   Auto/manual holdover and reference switchover
   2 reference inputs (single-ended or differential)
   Input reference frequencies: 2 kHz to 1250 MHz
   Reference validation and frequency monitoring (1 ppm)
   Programmable input reference switchover priority
   20-bit programmable input reference divider
   2 pairs of clock output pins, with each pair configurable as
      a single differential LVDS/HSTL output or as 2 single-ended
      CMOS outputs
   Output frequencies: 360 kHz to 1250 MHz
   Programmable 17-bit integer and 23-bit fractional
      feedback divider in digital PLL
   Programmable digital loop filter covering loop bandwidths
      from 0.1 Hz to 5 kHz (2 kHz maximum for <0.1 dB of peaking)
   Low noise system clock multiplier
   Frame sync support
   Adaptive clocking
   Optional crystal resonator for system clock input
   On-chip EEPROM to store multiple power-up profiles
   Pin program function for easy frequency translation
      configuration
   Software controlled power-down
   40-lead, 6 mm × 6 mm, LFCSP package

APPLICATIONS
   Network synchronization, including synchronous Ethernet
      and SDH to OTN mapping/demapping
   Cleanup of reference clock jitter
   SONET/SDH/OTN clocks up to 100 Gbps, including FEC
   Stratum 3 holdover, jitter cleanup, and phase transient control
   Wireless base station controllers
   Cable infrastructure
   Data communications




Similar Part No. - AD9557

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9557 AD-AD9557 Datasheet
1Mb / 95P
Dual Input Multiservice Line Card Adaptive Clock Translator
9/2016-Rev. B to Rev. C
AD9557BCPZ AD-AD9557BCPZ Datasheet
1Mb / 95P
Dual Input Multiservice Line Card Adaptive Clock Translator
9/2016-Rev. B to Rev. C
AD9557BCPZ-REEL7 AD-AD9557BCPZ-REEL7 Datasheet
1Mb / 95P
Dual Input Multiservice Line Card Adaptive Clock Translator
9/2016-Rev. B to Rev. C
AD9557 AD-AD9557_16 Datasheet
1Mb / 95P
Dual Input Multiservice Line Card Adaptive Clock Translator
9/2016-Rev. B to Rev. C
More results


Similar Description - AD9557

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FW4560 FUJI-FW4560 Datasheet
308Kb / 2P
Multiservice Provisioning Platform
logo
Vitesse Semiconductor C...
VSC9128 VITESSE-VSC9128 Datasheet
492Kb / 2P
Enhanced 2.5,10 Gbps Multiservice SONET/SDH VC Mapper
logo
Analog Devices
AD9551 AD-AD9551 Datasheet
799Kb / 40P
Multiservice Clock Generator
REV. B
AD9558 AD-AD9558 Datasheet
1Mb / 104P
Quad Input Multiservice Line Card Adaptive
REV. A
AD9559BCPZ AD-AD9559BCPZ Datasheet
1Mb / 120P
Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
REV. 0
logo
Motorola, Inc
MC54F74153 MOTOROLA-MC54F74153 Datasheet
67Kb / 3P
DUAL 4-INPUT DUAL 4-INPUT
logo
Analog Devices
AD9554 AD-AD9554 Datasheet
1Mb / 116P
Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
3/2017-Rev. C to Rev. D
AD9554-1 AD-AD9554-1 Datasheet
927Kb / 99P
Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
3/2017-Rev. B to Rev. C
AD9557 AD-AD9557_16 Datasheet
1Mb / 95P
Dual Input Multiservice Line Card Adaptive Clock Translator
9/2016-Rev. B to Rev. C
AD9558 AD-AD9558_16 Datasheet
1Mb / 105P
Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
7/2016-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com