Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP85632 Datasheet (PDF) - Sony Corporation

CXP85632 Datasheet PDF - Sony Corporation
Part # CXP85632
Download  CXP85632 Download
File Size   416.93 Kbytes
Page   22 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP85632 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP85632 Datasheet PDF - Sony Corporation

Part # CXP85632
Download  CXP85632 Click to download

File Size   416.93 Kbytes
Page   22 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP85632 Datasheet (HTML) - Sony Corporation


CXP85632 Product details

Description
The CXP85632/85640 is a CMOS 8-bit microcomputer which consists of A/D converter, serial interface, timer/counter, time-base timer, closed caption decoder, data slicer, on-screen display function, I2C bus interface, PWM output, remote control receiver, HSYNC counter and watchdog timer as well as basic configuration like 8-bit CPU, ROM, RAM and I/O port.
Also this IC provides power-on reset function and sleep function which enables to lower power consumption.

Features
• A wide instruction set (213 instructions) to cover various types of data.
    — 16-bit arithmetic/multiplication and division/boolean bit operation instructions
• Minimum instruction cycle 333ns at 12MHz operation
• Incorporated ROM 32K bytes (CXP85632) 40K bytes (CXP85640)
• Incorporated RAM 1888 bytes (excluding the closed caption decoder and on-screen display VRAM)
• Peripheral functions
    — A/D converter 8 bits, 6 channels, successive approximation method (Conversion time of 26.7µs/12MHz)
    — Serial interface 8-bit clock, sync type, 1 channel
    — Timer 8-bit timer, 8-bit timer/counter, 19-bit time-base timer
    — Closed caption decoder
        Incorporated decode slicer,
        conforming to FCC, 8 × 13 dots, 192 character types, 15 character colors,
        4 lines of 34 characters, italic, underline, vertical scroll,
        15 frame background colors/half blanking
    — On-screen display (OSD) function
        12 × 16 dots, 128 character types, 15 character colors, 4 lines of 24 characters,
        8 frame background colors/half blanking, edging per line (half dot), vertical scroll
        jitter elimination circuit
    — I2C bus interface
    — PWM output 8 bits, 4 channels
    — Remote control receiver circuit
        Incorporated 6-stage FIFO 8-bit pulse measurement counter
    — HSYNC counter 2 channels
    — Watchdog timer
• Interruption 15 factors, 15 vectors, multi-interruption possible
• Standby mode SLEEP
• Package 64-pin plastic SDIP/QFP
• Piggyback/evaluation chip CXP85690 64-pin ceramic PSDIP (accommodates custom font)




Similar Part No. - CXP85632

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP856P40 SONY-CXP856P40 Datasheet
456Kb / 22P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP85632

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com