Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP85632 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP85632
Description  CMOS 8-bit Single Chip Microcomputer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP85632 Datasheet(HTML) 5 Page - Sony Corporation

  CXP85632 Datasheet HTML 1Page - Sony Corporation CXP85632 Datasheet HTML 2Page - Sony Corporation CXP85632 Datasheet HTML 3Page - Sony Corporation CXP85632 Datasheet HTML 4Page - Sony Corporation CXP85632 Datasheet HTML 5Page - Sony Corporation CXP85632 Datasheet HTML 6Page - Sony Corporation CXP85632 Datasheet HTML 7Page - Sony Corporation CXP85632 Datasheet HTML 8Page - Sony Corporation CXP85632 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
– 5 –
CXP85632/85640
Pin Functions
Pin name
PA0/AN0
to
PA5/AN5
PA6/VSYNC
PA7/HSYNC
PB0 to PB6
PB7/INT1
PC0 to PC7
PD0/INT2
PD1/SCK
PD2/SO
PD3/SI
PD4/HS0
PD5/HS1
PD6/RMC
PD7/EC
PE0/TO
PE1
PE2/INT0
PF0/PWM0
to
PF3/PWM3
PF4/SCL0
PF5/SCL1
PF6/SDA0
PF7/SDA1
R, G, B, I, YS, YM
I/O/Analog input
I/O/Input
I/O/Input
I/O
I/O/Input
I/O
I/O/Input
I/O/I/O
I/O/Output
I/O/Input
I/O/Input
I/O/Input
I/O/Input
I/O/Input
I/O/Output
I/O
I/O/Input
Output/Output
Output/I/O
Output/I/O
Output
I/O
Functions
Analog inputs to A/D converter. (6 pins)
OSD display vertical sync signal input.
OSD display horizontal sync signal input.
Input for external interruption request. Active at
the falling edge.
Input for external interruption request. Active at
the falling edge.
Serial clock I/O.
Serial data output.
Serial data input.
HSYNC counter (CH0) input.
HSYNC counter (CH1) input.
Remote control receiver circuit input.
External event input for timer/counter.
Rectangular wave output for timer/counter.
Input for external interruption request.
Active at the falling edge.
8-bit PWM outputs.
(4 pins)
Transfer clock I/O for I2C bus interface. (2 pins)
Transfer data I/O for I2C bus interface. (2 pins)
(Port A)
8-bit I/O port. I/O
can be set in a unit
of single bits.
(8 pins)
(Port B)
8-bit I/O port. I/O can be set in a unit of single bits.
(8 pins)
(Port C)
8-bit I/O port. I/O can be set in a unit of single bits. (8 pins)
(Port D)
8-bit I/O port. I/O
can be set in a unit
of single bits.
Capable of driving
12mA sync current.
(8 pins)
(Port E)
3-bit I/O port. I/O
can be set in a unit
of single bits.
(3 pins)
(Port F)
8-bit output port
with large current
(12mA) N-ch open
drain output.
Lower 4 bits are
12V drive and upper
4 bits are 5V drive.
OSD display 6-bit outputs. (6 pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com