Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP85632 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXP85632
Description  CMOS 8-bit Single Chip Microcomputer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP85632 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXP85632 Datasheet HTML 14Page - Sony Corporation CXP85632 Datasheet HTML 15Page - Sony Corporation CXP85632 Datasheet HTML 16Page - Sony Corporation CXP85632 Datasheet HTML 17Page - Sony Corporation CXP85632 Datasheet HTML 18Page - Sony Corporation CXP85632 Datasheet HTML 19Page - Sony Corporation CXP85632 Datasheet HTML 20Page - Sony Corporation CXP85632 Datasheet HTML 21Page - Sony Corporation CXP85632 Datasheet HTML 22Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
– 21 –
CXP85632/85640
Fig. 15. Characteristics curves
IDD vs. VDD
(fc = 12MHz, Ta = 25°C, Typical)
VDD – Supply voltage [V]
23
4
5
6
0.1
100
IDD vs. fc
frequency
dividing mode
1
16
SLEEP mode
frequency
dividing mode
1
4
frequency
dividing mode
1
2
10
1
SLEEP mode
frequency
dividing mode
1
16
frequency
dividing mode
1
4
frequency
dividing mode
1
2
50
45
40
35
30
25
20
15
10
5
0
fc – System clock [MHz]
16
12
8
4
Parameter curve for OSD oscillation L vs. C
(theoretically calculated value)
10MHz
12MHz
14MHz
100
10
0
50
100
C1, C2 – Capacitance [pF]
fOSC =
C = C1 // C2
(VDD = 5V, Ta = 25°C, Typical)
16MHz
1
2
π LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com