Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP86212 Datasheet (PDF) - Sony Corporation

CXP86212 Datasheet PDF - Sony Corporation
Part # CXP86212
Download  CXP86212 Download
File Size   354.63 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP86212 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP86212 Datasheet PDF - Sony Corporation

Part # CXP86212
Download  CXP86212 Click to download

File Size   354.63 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP86212 Datasheet (HTML) - Sony Corporation


CXP86212 Product details

Description

The CXP86212/86216, CXP86324/86332, CXP86440/86448/86460 are the CMOS 8-bit single chip microcomputer integrating on a single chip an A/D converter, serial interface, timer/counter, time-base timer, on-screen display function, I2C bus interface, PWM output, remote control reception circuit, HSYNC counter, watchdog timer, 32kHz timer/counter besides the basic configurations of 8-bit CPU, ROM, RAM, I/O ports.



Features

• A wide instruction set (213 instructions) which covers various types of data

   – 16-bit operation/multiplication and division/Boolean bit operation instructions

• Minimum instruction cycle 250ns at 16MHz operation 

                                     122µs at 32kHz operation

• Incorporated ROM 12K bytes (CXP86212)

                                     24K bytes (CXP86324)

                                     40K bytes (CXP86440)

                                     16K bytes (CXP86216)

                                     32K bytes (CXP86332)

                                     48K bytes (CXP86448)

                                     60K bytes (CXP86460)

• Incorporated RAM 352 bytes (CXP86212/86216) 704 bytes (CXP86324/86332)

                           1536 bytes (CXP86440/86448/86460)

                           (Excludes VRAM for on-screen display and sprite RAM)

• Peripheral functions

  – A/D converter                 8-bit 6-channel successive approximation method

                                        (Conversion time of 3.25µs at 16MHz)

  – Serial interface 8-bit clock sync type, 1 channel

  – Timer                             8-bit timer

                                        8-bit timer/counter

                                        19-bit time-base timer

                                        32 kHz timer/counter

– On-screen display (OSD) function    12 ×16 dots, 128 character types (CXP86212/86216),

                                                  256 character types (CXP86324/86332),

                                                  384 character types (CXP86440/86448/86460)

                                                  15 character colors, 2 lines ×24 characters, frame background 8 colors/ half blanking, background on full screen 15 colors/ half blanking edging/ shadowing/ rounding for every line, background with shadow for every character (CXP86440/86448/86460), double scanning, sprite OSD (CXP86440/86448/86460), 12 ×16 dots, 1 screen, 8 colors for every dot

  – I2C bus interface

  – PWM output 8 bits, 8 channels 14 bits, 1 channel

  – Remote control reception circuit 8-bit pulse measurement counter, 6-stage FIFO

  – HSYNC counter 2 channels

  – Watchdog timer

• Interruption  13 factors, 13 vectors, multi-interruption possible

• Standby mode Sleep

• Package  64-pin plastic SDIP/QFP/LQFP

• Piggyback/evaluator CXP86400 64-pin ceramic PQFP CXP86490 64-pin ceramic PSDIP (Supports custom font) Silicon gate CMOS IC




Similar Part No. - CXP86212

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP86213 SONY-CXP86213 Datasheet
240Kb / 21P
CMOS 8-bit Single Chip Microcomputer
CXP86217 SONY-CXP86217 Datasheet
240Kb / 21P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP86212

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com