Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP86213 Datasheet (PDF) - Sony Corporation

CXP86213 Datasheet PDF - Sony Corporation
Part # CXP86213
Download  CXP86213 Download
File Size   240.69 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP86213 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP86213 Datasheet PDF - Sony Corporation

Part # CXP86213
Download  CXP86213 Click to download

File Size   240.69 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP86213 Datasheet (HTML) - Sony Corporation


CXP86213 Product details

Description

The CXP86213/86217, CXP86325/86333, CXP86441/86449/86461 are the CMOS 8-bit single chip microcomputer integrating on a single chip an A/D converter, serial interface, timer/counter, time-base timer, on-screen display function, I2C bus interface, PWM output, remote control reception circuit, HSYNC counter, watchdog timer, 32kHz timer/counter besides the basic configurations of 8-bit CPU, ROM, RAM, I/O ports. The CXP86213/86217, CXP86325/86333, CXP86441/ 86449/86461 also provide a sleep function that

enables to lower the power consumption.



Features

• A wide instruction set (213 instructions) which covers various types of data

— 16-bit operation/multiplication and division/Boolean bit operation instructions

• Minimum instruction cycle 250ns at 16MHz operation (4.5 to 5.5V)

                                     122µs at 32kHz operation (2.7 to 5.5V)

• Incorporated ROM capacity 12K bytes (CXP86213) 24K bytes (CXP86325) 40K bytes(CXP86441)

                                        16K bytes (CXP86217) 32K bytes (CXP86333) 48K bytes (CXP86449)

                                                                                                 60K bytes (CXP86461)

• Incorporated RAM capacity 352 bytes (CXP86213/86217) 704 bytes (CXP86325/86333)

                                      1536 bytes (CXP86441/86449/86461)

                                      (Excludes VRAM for on-screen display and sprite RAM)

• Peripheral functions

— A/D converter 8 bits, 6 channels, successive approximation method

                        (Conversion time of 3.25µs at 16MHz)

— Serial interface 8-bit clock sync type, 1 channel

— Timer 8-bit timer

8-bit timer/counter

19-bit time-base timer

32kHz timer/counter

— On-screen display (OSD) function 12 × 16 dots, 128 character types (CXP86213/86217),256 character types (CXP86325/86333),384 character types (CXP86441/86449/86461) 15 character colors, 2 lines × 24 characters, frame background 8 colors/ half blanking, background on full screen 15 colors/ half blanking

edging/ shadowing/ rounding for every line, background with shadow for every character (CXP86441/86449/86461), double scanning,

sprite OSD (CXP86441/86449/86461), 12 × 16 dots, 1 screen, 8 colors for every dot

— I2C bus interface

— PWM output 8 bits, 6 channels

                     14 bits, 1 channel

— Remote control reception circuit 8-bit pulse measurement counter, 6-stage FIFO

— HSYNC counter 2 channels

— Watchdog timer

• Interruption 13 factors, 13 vectors, multi-interruption possible

• Standby mode Sleep

• Package 52-pin plastic SDIP

• Piggyback/evaluator CXP86490 64-pin ceramic PSDIP (Supports custom font)




Similar Part No. - CXP86213

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP86212 SONY-CXP86212 Datasheet
354Kb / 24P
CMOS 8-bit Single Chip Microcomputer
CXP86216 SONY-CXP86216 Datasheet
354Kb / 24P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP86213

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com