Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5318 Datasheet (PDF) - Maxim Integrated Products

MAX5318 Datasheet PDF - Maxim Integrated Products
Part # MAX5318
Download  MAX5318 Download
File Size   4671.8 Kbytes
Page   41 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 18-Bit, High-Accuracy Voltage Output DAC with Digital Gain, Offset Control, and SPI Interface

MAX5318 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5318 Datasheet PDF - Maxim Integrated Products

Part # MAX5318
Download  MAX5318 Click to download

File Size   4671.8 Kbytes
Page   41 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 18-Bit, High-Accuracy Voltage Output DAC with Digital Gain, Offset Control, and SPI Interface

MAX5318 Datasheet (HTML) - Maxim Integrated Products


MAX5318 Product details

General Description
The MAX5318 is a high-accuracy, 18-bit, serial SPI input, buffered voltage output digital-to-analog converter (DAC) in a 4.4mm x 7.8mm, 24-lead TSSOP package. The device features Q2 LSB INL (max) accuracy and a Q1 LSB DNL (max) accuracy over the full temperature range of -40℃ to +105℃.

Benefits and Features
● Ideal for ATE and High-Precision Instruments
☆ INL Accuracy Guaranteed with ±2 LSB (Max) Over Temperature
● Fast Settling Time (3µs) with 10kI || 100pF Load
● Safe Power-Up-Reset to Zero or Midscale DAC Output (Pin-Selectable)
☆Predetermined Output Device State in Power-Up and Reset in System Design
● Negative Supply (AVSS) Option Allows Full INL and DNL Performance to 0V
● SPI Interface Compatible with 1.8V to 5.5V Logic
● High Integration Reduces Development Time and PCB Area
☆Buffered Voltage Output Directly Drives 2kΩ Load Rail-to-Rail
☆Integrated Reference Buffer
☆No External Amplifiers Required
● Small 4.4mm x 7.8mm, 24-Pin TSSOP Package




Similar Part No. - MAX5318

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5318 MAXIM-MAX5318 Datasheet
1Mb / 13P
SMA Connectors for Waveform Synchronization and DAC Output
Rev 0; 3/12
MAX5318EVKIT# MAXIM-MAX5318EVKIT# Datasheet
1Mb / 13P
SMA Connectors for Waveform Synchronization and DAC Output
Rev 0; 3/12
MAX5318EVSYS MAXIM-MAX5318EVSYS Datasheet
1Mb / 13P
SMA Connectors for Waveform Synchronization and DAC Output
Rev 0; 3/12
More results


Similar Description - MAX5318

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921 Datasheet
3Mb / 40P
12-Bit DAC with SPI??Interface
2004
MCP4921 MICROCHIP-MCP4921_07 Datasheet
3Mb / 42P
12-Bit DAC with SPI??Interface
2007
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5316 MAXIM-MAX5316 Datasheet
4Mb / 33P
16-Bit, ±1 LSB Accuracy Voltage Output DAC with SPI Interface
Rev 0; 1/12
logo
Texas Instruments
DAC80504 TI1-DAC80504 Datasheet
85Kb / 4P
Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
logo
Analog Devices
AD5781 AD-AD5781_18 Datasheet
886Kb / 27P
True 18-Bit, Voltage Output DAC
4/2018-Rev. D to Rev. E
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com