Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC126A Datasheet (PDF) - Diodes Incorporated

74LVC126A Datasheet PDF - Diodes Incorporated
Part # 74LVC126A
Download  74LVC126A Download
File Size   230.22 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUADRUPLE 3-STATE BUFFERS

74LVC126A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC126A Datasheet PDF - Diodes Incorporated

Part # 74LVC126A
Download  74LVC126A Click to download

File Size   230.22 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUADRUPLE 3-STATE BUFFERS

74LVC126A Datasheet (HTML) - Diodes Incorporated


74LVC126A Product details

Description
The 74LVC126A provides four independent buffers with three state outputs. Each output is independently controlled by an associated output enable pin (OE) which places the device in the high impedance state when driven low. The device is designed for operation with a power supply range of 1.65V to 5.5V.

Features
• Supply Voltage Range from 1.65V to 5.5V
• Sinks 24mA at VCC = 3.3V
• CMOS low power consumption
• IOFF Supports Partial-Power-Down Mode Operation
• Inputs or outputs accept up to 5.5V
• Inputs can be driven by 3.3V or 5.5V allowing for voltage translation applications.
• ESD Protection Exceeds JESD 22
    ◾ 200-V Machine Model (A115-A)
    ◾ 2000-V Human Body Model (A114-A)
    ◾ Exceeds 1000-V Charged Device Model (C101C)
• Latch-Up Exceeds 250mA per JESD 78, Class II
• Range of Package Options SO-14 and TSSOP-14
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Voltage Level Shifting
• General Purpose Logic
• Power Down Signal Isolation
• Wide array of products such as:
    ◾ PCs, networking, notebooks, ultrabooks, netbooks
    ◾ Computer peripherals, hard drives, CD/DVD ROM
    ◾ TV, DVD, DVR, set top box




Similar Part No. - 74LVC126A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC126A PHILIPS-74LVC126A Datasheet
115Kb / 20P
Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
2003 Feb 28
logo
ON Semiconductor
74LVC126A ONSEMI-74LVC126A Datasheet
101Kb / 9P
Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC126A NEXPERIA-74LVC126A Datasheet
249Kb / 13P
Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
74LVC126A-Q100 NEXPERIA-74LVC126A-Q100 Datasheet
236Kb / 13P
Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
logo
NXP Semiconductors
74LVC126ABQ PHILIPS-74LVC126ABQ Datasheet
115Kb / 20P
Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
2003 Feb 28
More results


Similar Description - 74LVC126A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
QUADRUPLE 3-STATE BUFFERS
Rev 3
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
QUADRUPLE 3-STATE BUFFERS OE HIGH
Rev 3
74HCT125 DIODES-74HCT125 Datasheet
284Kb / 8P
QUADRUPLE 3-STATE BUFFERS OE LOW
Rev 3
74HC126 DIODES-74HC126 Datasheet
312Kb / 9P
QUADRUPLE 3-STATE BUFFERS OE HIGH
Rev 3
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
QUADRUPLE 3-STATE BUFFERS OE LOW
Rev 3
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
QUADRUPLE 3-STATE BUFFERS OE HIGH
Rev 2
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
QUADRUPLE 3-STATE BUFFERS OE LOW
Rev 3
74AHC126 DIODES-74AHC126 Datasheet
314Kb / 9P
QUADRUPLE 3-STATE BUFFERS OE HIGH
Rev 3
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
QUADRUPLE 3-STATE BUFFERS OE LOW
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com