Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8807A Datasheet (PDF) - Diodes Incorporated

AL8807A Datasheet PDF - Diodes Incorporated
Part # AL8807A
Download  AL8807A Download
File Size   566.19 Kbytes
Page   20 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH EFFICIENCY LOW EMI WIDE ANALOG DIMMING RANGE 36V 1A/1.3A BUCK LED DRIVER

AL8807A Datasheet (PDF)

Go To PDF Page Download Datasheet
AL8807A Datasheet PDF - Diodes Incorporated

Part # AL8807A
Download  AL8807A Click to download

File Size   566.19 Kbytes
Page   20 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH EFFICIENCY LOW EMI WIDE ANALOG DIMMING RANGE 36V 1A/1.3A BUCK LED DRIVER

AL8807A Datasheet (HTML) - Diodes Incorporated


AL8807A Product details

Description
The AL8807A is a step-down DC/DC converter designed to drive LEDs with a constant current. The device can drive up to 9 white high brightness LEDs in series from a voltage source of 6V to 36V.

Features
• LED Driving Current up to 1A/1.3A
• Better than 5% Accuracy
• High Efficiency Up to 96%
• Optimally Controlled Switching Speeds
• Operating Input Voltage from 6V to 36V
• Wide Analog Input Range for Dimming Control (>10:1)
• Built-in Protection Features:
   ◾ Open-Circuit LED protection
   ◾ LED Chain Short Circuited
   ◾ Over-Temperature Protection
• MSOP-8EP and SOT25: Available in “Green” Molding Compound
   (No Br, Sb) with lead Free Finish/ RoHS Compliant
   ◾ Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
   ◾ Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• General Illumination Lamps
• 12V Powered LED Lamps
• Wide Analog Dimming Range LED Lamps




Similar Part No. - AL8807A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807AE5TA DIODES-AL8807AE5TA Datasheet
104Kb / 8P
The evaluation board does not have reverse supply protection.
OCTOBER 2012
AL8807AEV1 DIODES-AL8807AEV1 Datasheet
104Kb / 8P
The evaluation board does not have reverse supply protection.
OCTOBER 2012
AL8807AEV3 DIODES-AL8807AEV3 Datasheet
105Kb / 8P
The evaluation board does not have reverse supply protection
OCTOBER 2012
AL8807AMP-13 DIODES-AL8807AMP-13 Datasheet
105Kb / 8P
The evaluation board does not have reverse supply protection
OCTOBER 2012
AL8807AW5-7 DIODES-AL8807AW5-7 Datasheet
104Kb / 8P
The evaluation board does not have reverse supply protection.
OCTOBER 2012
More results


Similar Description - AL8807A

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6911 PTC-PT6911 Datasheet
178Kb / 4P
Wide Input Range Buck LED Driver
logo
Diodes Incorporated
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
AL8807 DIODES-AL8807 Datasheet
1Mb / 21P
HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
Rev 4
logo
Monolithic Power System...
MP3304 MPS-MP3304 Datasheet
337Kb / 12P
36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
logo
Diodes Incorporated
AL8807Q DIODES-AL8807Q Datasheet
1Mb / 16P
HIGH EFFICIENCY LOW 30V 1.3A AUTOMOTIVE GRADE BUCK LED DRIVER
Rev 1
AL8807B DIODES-AL8807B Datasheet
4Mb / 18P
HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
Rev 1
AL8806 DIODES-AL8806_13 Datasheet
468Kb / 15P
HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Rev 5
logo
Shenzhen Tianyuan Semic...
TP4205 TPOWER-TP4205 Datasheet
470Kb / 7P
36V/1.2A high dimming ratio LED driver
TP8005 TPOWER-TP8005 Datasheet
565Kb / 7P
36V/1.2A high dimming ratio LED driver
logo
Shenzhen Huazhimei Semi...
HM4112A HMSEMI-HM4112A Datasheet
595Kb / 7P
36V/1.2A high dimming ratio LED driver
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com