Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8807B Datasheet (PDF) - Diodes Incorporated

AL8807B Datasheet PDF - Diodes Incorporated
Part # AL8807B
Download  AL8807B Download
File Size   4107.5 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER

AL8807B Datasheet (PDF)

Go To PDF Page Download Datasheet
AL8807B Datasheet PDF - Diodes Incorporated

Part # AL8807B
Download  AL8807B Click to download

File Size   4107.5 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER

AL8807B Datasheet (HTML) - Diodes Incorporated


AL8807B Product details

Description
The AL8807B is a step-down DC/DC converter designed to drive LEDs with a constant current. The device can drive up to 9 LEDs, depending on the forward voltage of the LEDs, in series from a voltage source of 6V to 36V. Series connection of the LEDs provides identical LED currents resulting in uniform brightness and eliminating the need for ballast resistors. The AL8807B switches at frequency up to 1MHz with controlled rise and fall times to reduce EMI. This allows the use of small size external components, hence minimizing the PCB area needed.
Maximum output current of AL8807B is set via an external resistor connected between the VIN and SET input pins. Dimming is achieved by applying a PWM signal at the CTRL input pin. An input voltage of 0.4V or lower at CTRL switches off the output MOSFET simplifying PWM dimming.

Features
● LED driving current up to 1.3A
● Better than 5% accuracy
● High efficiency up to 96%
● Optimally controlled switching speeds
● Operating input voltage from 6V to 36V
● PWM input for dimming control
● Open-Circuit LED protection
● LED Chain Short Circuited
● Over-Temperature Protection
● MSOP-8EP Available in “Green” Molding Compound (No Br,
   Sb) with lead Free Finish/ RoHS Compliant
   ▪ Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
   ▪ Halogen and Antimony Free. “Green” Device (Note 3)

Applications
● MR16 lamps
● General illumination lamps
● 12V powered LED Lamps
● 24V powered LED Lamps




Similar Part No. - AL8807B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807BQ DIODES-AL8807BQ Datasheet
2Mb / 18P
AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER
Rev 1
More results


Similar Description - AL8807B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807A DIODES-AL8807A Datasheet
566Kb / 20P
HIGH EFFICIENCY LOW EMI WIDE ANALOG DIMMING RANGE 36V 1A/1.3A BUCK LED DRIVER
Rev 1
AL8807Q DIODES-AL8807Q Datasheet
1Mb / 16P
HIGH EFFICIENCY LOW 30V 1.3A AUTOMOTIVE GRADE BUCK LED DRIVER
Rev 1
AL8807BQ DIODES-AL8807BQ Datasheet
2Mb / 18P
AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER
Rev 1
AL8806 DIODES-AL8806_13 Datasheet
468Kb / 15P
HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Rev 5
logo
Maxic Technology Corpor...
MT7864 MAXIC-MT7864 Datasheet
185Kb / 1P
PWM Dimmable APFC BUCK LED Driver
MT7865 MAXIC-MT7865 Datasheet
185Kb / 1P
PWM Dimmable APFC BUCK LED Driver
logo
Bright Power Semiconduc...
BP2838 BPS-BP2838 Datasheet
238Kb / 2P
PWM dimmable Non-isolated Buck LED Driver
BP2876D BPS-BP2876D Datasheet
495Kb / 2P
PWM Dimmable Buck LED Driver
logo
Maxic Technology Corpor...
MT7860 MAXIC-MT7860 Datasheet
185Kb / 1P
PWM/Analog Dimmable APFC BUCK LED Driver
MT7862 MAXIC-MT7862 Datasheet
106Kb / 1P
PWM Dimmable APFC BUCK LED Driver
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com