Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX054BK Datasheet (PDF) - Sony Corporation

ICX054BK Datasheet PDF - Sony Corporation
Part # ICX054BK
Download  ICX054BK Download
File Size   208.8 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras

ICX054BK Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX054BK Datasheet PDF - Sony Corporation

Part # ICX054BK
Download  ICX054BK Click to download

File Size   208.8 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras

ICX054BK Datasheet (HTML) - Sony Corporation


ICX054BK Product details

Description
The ICX054BK is an interline CCD solid-state image sensor suitable for NTSC color video cameras. Compared with the current product ICX054AK, sensitivity is improved drastically through the adoption of Super HAD CCD technology. Ye, Cy, Mg, and G complementary color mosaic filters are used.
This chip features a field period readout system, and an electronic shutter with variable charge-storage time.

Features
• High sensitivity (+3dB at F5.6, +1.5dB at F1.2 compared with ICX054AK)
• High saturation signal (+1dB compared with ICX054AK)
• Low smear and low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Ye, Cy, Mg and G complementary color mosaic filters on chip
• Horizontal register: 5V drive
• Reset gate: 5V drive




Similar Part No. - ICX054BK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
More results


Similar Description - ICX054BK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX058AKB SONY-ICX058AKB Datasheet
823Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Cameras?
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX254AK SONY-ICX254AK Datasheet
197Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX255AK SONY-ICX255AK Datasheet
197Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX258AK SONY-ICX258AK Datasheet
198Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX408AK SONY-ICX408AK Datasheet
204Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX404AK SONY-ICX404AK Datasheet
204Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com