Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX080AK Datasheet (PDF) - Sony Corporation

ICX080AK Datasheet PDF - Sony Corporation
Part # ICX080AK
Download  ICX080AK Download
File Size   223.74 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras

ICX080AK Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX080AK Datasheet PDF - Sony Corporation

Part # ICX080AK
Download  ICX080AK Click to download

File Size   223.74 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras

ICX080AK Datasheet (HTML) - Sony Corporation


ICX080AK Product details

Description
The ICX080AK is an interline CCD solid-state image sensor suitable for NTSC color video cameras. This chip conforms to DV standard SD mode, and has the optimal number of pixels for MPEG2 Main level. While achieving a horizontal resolution of 450 TV lines, the area has been expanded 33% in both vertical and horizontal directions, making the chip suitable for electronic vibration stabilizer and electronic panning/tilting. In addition, complete 16:9 wide aspect ratio images are provided with a high picture quality without requiring vertical interpolation.

Features
• Supports electronic vibration stabilizer and electronic panning/tilting (33%/one side)
• Supports electronic zoom
• Supports DV standard SD mode and MPEG2 Main level (13.5MHz)
• Supports 16:9 wide aspect ratio (for both 18MHz and 5fsc)
• Supply voltage: 12V
• Horizontal register and reset gate: 2.7 to 3.6V drive
• No voltage adjustment (Reset gate and substrate bias are not adjusted.)
• High resolution, high sensitivity, low dark current and low smear
• Excellent antiblooming characteristics
• Continuous variable-speed shutter (1/60 to 1/10000s)
• Supports short exit pupil distance (Recommended range: –20 to –100mm)
• Ye, Cy, Mg and G complementary color mosaic filters on chip
• 16-pin high precision plastic package (both top and bottom surface reference possible)




Similar Part No. - ICX080AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX082AL SONY-ICX082AL Datasheet
232Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX083AL SONY-ICX083AL Datasheet
233Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX084 SONY-ICX084 Datasheet
201Kb / 18P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX084 SONY-ICX084 Datasheet
189Kb / 17P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results


Similar Description - ICX080AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX054BK SONY-ICX054BK Datasheet
208Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX058AKB SONY-ICX058AKB Datasheet
823Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Cameras?
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX254AK SONY-ICX254AK Datasheet
197Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX255AK SONY-ICX255AK Datasheet
197Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX258AK SONY-ICX258AK Datasheet
198Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX408AK SONY-ICX408AK Datasheet
204Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX404AK SONY-ICX404AK Datasheet
204Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com