Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX084 Datasheet (PDF) - Sony Corporation

ICX084 Datasheet PDF - Sony Corporation
Part # ICX084
Download  ICX084 Download
File Size   189.76 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras

ICX084 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX084 Datasheet PDF - Sony Corporation

Part # ICX084
Download  ICX084 Click to download

File Size   189.76 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras

ICX084 Datasheet (HTML) - Sony Corporation


ICX084 Product details

Description

The ICX084AL is a diagonal 6mm (Type 1/3) interline CCD solid-state image sensor with a square pixel array which supports VGA format. Progressive scan allows all pixels signals to be output independently within approximately 1/30 second.



Features

• Progressive scan allows individual readout of the image signals from all pixels.

• High vertical resolution (480 TV-lines) still image without a mechanical shutter.

• Square pixel unit cell

• Supports VGA format

• Horizontal drive frequency: 12.27MHz

• No voltage adjustments (reset gate and substrate bias are not adjusted.)

• High resolution, high sensitivity, low dark current

• Continuous variable-speed shutter 1/30 (Typ.) to 1/10000s

• Low smear

• Excellent antiblooming characteristics

• Horizontal register: 5V drive

• 16-pin high precision plastic package (enables dual-surface standard)




Similar Part No. - ICX084

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX084 SONY-ICX084 Datasheet
201Kb / 18P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX084AK SONY-ICX084AK Datasheet
201Kb / 18P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results


Similar Description - ICX084

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX084AK SONY-ICX084AK Datasheet
201Kb / 18P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX085AL SONY-ICX085AL Datasheet
211Kb / 20P
Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098AL SONY-ICX098AL Datasheet
345Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX204AK SONY-ICX204AK Datasheet
280Kb / 23P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX204AL SONY-ICX204AL Datasheet
268Kb / 22P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AK SONY-ICX205AK Datasheet
304Kb / 23P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AL SONY-ICX205AL Datasheet
298Kb / 22P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX424AL SONY-ICX424AL Datasheet
299Kb / 29P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for B/W Cameras
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com