Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX085 Datasheet (PDF) - Sony Corporation

ICX085 Datasheet PDF - Sony Corporation
Part # ICX085
Download  ICX085 Download
File Size   199.24 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras

ICX085 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX085 Datasheet PDF - Sony Corporation

Part # ICX085
Download  ICX085 Click to download

File Size   199.24 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras

ICX085 Datasheet (HTML) - Sony Corporation


ICX085 Product details

Description

The ICX085AK is a diagonal 11mm (Type 2/3) interline CCD solid-state image sensor with a square pixel array. Progressive scan allows all pixels signals to be output independently within approximately 1/12 second. This chip features an electronic shutter with variable charge-storage time which makes it possible to realize full-frame still image without a mechanical shutter. High resolution and high color reproductivity are achieved through the use of R, G, B primary color mosaic filters. Further, high sensitivity and low dark current are achieved through the adoption of HAD (Hole Accumulation Diode) sensors. This chip is suitable for image input applications such as still cameras which require high resolution.



Features

• Progressive scan allows individual readout of the

image signals from all pixels.

• High vertical resolution (1024TV-lines) still image

without a mechanical shutter.

• Square pixel unit cell

• Aspect ratio 5:4

• Horizontal drive frequency: 20.25MHz

• Reset gate bias is not adjusted.

• Substrate voltage: 5.5 to 12.5V

• R, G, B primary color mosaic filters on chip

• Continuous variable-speed shutter

• High resolution, high color reproductivity, high sensitivity, low dark current

• Low smear

• Excellent antiblooming characteristics

• Horizontal register: 5V drive




Similar Part No. - ICX085

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX085 SONY-ICX085 Datasheet
211Kb / 20P
Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX085AL SONY-ICX085AL Datasheet
211Kb / 20P
Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results


Similar Description - ICX085

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX074AK SONY-ICX074AK Datasheet
243Kb / 21P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX075AK SONY-ICX075AK Datasheet
278Kb / 21P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX084AK SONY-ICX084AK Datasheet
201Kb / 18P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX085AL SONY-ICX085AL Datasheet
211Kb / 20P
Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX204AK SONY-ICX204AK Datasheet
280Kb / 23P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX285AQ SONY-ICX285AQ Datasheet
219Kb / 23P
Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX267AK SONY-ICX267AK Datasheet
351Kb / 29P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX415AQ SONY-ICX415AQ Datasheet
261Kb / 28P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX414AQ SONY-ICX414AQ Datasheet
281Kb / 29P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com