Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX085 Datasheet (PDF) - Sony Corporation

ICX085 Datasheet PDF - Sony Corporation
Part # ICX085
Download  ICX085 Download
File Size   211.04 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras

ICX085 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX085 Datasheet PDF - Sony Corporation

Part # ICX085
Download  ICX085 Click to download

File Size   211.04 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras

ICX085 Datasheet (HTML) - Sony Corporation


ICX085 Product details

Description

The ICX085AL is a diagonal 11mm (Type 2/3) interline CCD solid-state image sensor with a square pixel array. Progressive scan allows all pixels signals to be output independently within approximately 1/12 second. This chip features an electronic shutter with variable charge-storage time which makes it possible to realize full-frame still image without a mechanical shutter. High sensitivity and low dark current are achieved through the adoption of HAD (Hole-Accumulation Diode) sensors. This chip is suitable for image input applications such as still cameras which require high resolution.



Features

• Progressive scan allows individual readout of the image signals from all pixels.

• High vertical resolution (1024TV-lines) still image without a mechanical shutter.

• Square pixel unit cell

• Aspect ratio 5:4

• Horizontal drive frequency: 20.25MHz

• Reset gate bias is not adjusted.

• Substrate voltage: 5.5 to 12.5V

• Continuous variable-speed shutter

• High resolution, high sensitivity, low dark current

• Low smear

• Excellent antiblooming characteristics

• Horizontal register: 5V drive




Similar Part No. - ICX085

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX085 SONY-ICX085 Datasheet
199Kb / 19P
Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX085AK SONY-ICX085AK Datasheet
199Kb / 19P
Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results


Similar Description - ICX085

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX084AL SONY-ICX084AL Datasheet
189Kb / 17P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX085AK SONY-ICX085AK Datasheet
199Kb / 19P
Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098AL SONY-ICX098AL Datasheet
345Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX204AL SONY-ICX204AL Datasheet
268Kb / 22P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AK SONY-ICX205AK Datasheet
304Kb / 23P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AL SONY-ICX205AL Datasheet
298Kb / 22P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX285AL SONY-ICX285AL Datasheet
198Kb / 21P
Diagonal 11 mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX274AL SONY-ICX274AL Datasheet
916Kb / 71P
Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for B/W Video Cameras
ICX285AQ SONY-ICX285AQ Datasheet
219Kb / 23P
Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com