Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX098 Datasheet (PDF) - Sony Corporation

ICX098 Datasheet PDF - Sony Corporation
Part # ICX098
Download  ICX098 Download
File Size   345.45 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras

ICX098 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX098 Datasheet PDF - Sony Corporation

Part # ICX098
Download  ICX098 Click to download

File Size   345.45 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras

ICX098 Datasheet (HTML) - Sony Corporation


ICX098 Product details

Description

The ICX098AL is a diagonal 4.5mm (Type 1/4) interline CCD solid-state image sensor with a square

pixel array which supports VGA format. Progressive scan allows all pixels signals to be output

independently within approximately 1/30 second. Also, the adoption of monitoring mode supports 60 frame/s. This chip features an electronic shutter with variable charge-storage time which makes it possible to realize full-frame still image without a mechanical shutter. Further, high sensitivity and low dark current are achieved through the adoption of HAD (Hole Accumulation Diode) sensors.

  This chip is suitable for applications such as second dimensional bar-code reader, PC input cameras, etc.



Features

• Progressive scan allows individual readout of the image signals from all pixels.

• High horizontal and vertical resolution (both approx. 480TV-lines) still image without a mechanical shutter.

• Supports monitoring mode

• Square pixel

• Supports VGA format

• Horizontal drive frequency: 12.27MHz

• No voltage adjustments (reset gate and substrate bias are not adjusted.)

• High resolution, high sensitivity, low dark current

• Continuous variable-speed shutter

• Low smear

• Excellent antiblooming characteristics

• Horizontal register: 3.3V drive

• 14-pin high precision plastic package (enables dual-surface standard)




Similar Part No. - ICX098

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX098 SONY-ICX098 Datasheet
368Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098AK SONY-ICX098AK Datasheet
368Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098BQ SONY-ICX098BQ Datasheet
328Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results


Similar Description - ICX098

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX074AL SONY-ICX074AL Datasheet
236Kb / 21P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras
ICX084AL SONY-ICX084AL Datasheet
189Kb / 17P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX085AL SONY-ICX085AL Datasheet
211Kb / 20P
Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098AK SONY-ICX098AK Datasheet
368Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX204AL SONY-ICX204AL Datasheet
268Kb / 22P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AK SONY-ICX205AK Datasheet
304Kb / 23P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AL SONY-ICX205AL Datasheet
298Kb / 22P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098BQ SONY-ICX098BQ Datasheet
328Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX274AL SONY-ICX274AL Datasheet
916Kb / 71P
Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for B/W Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com