Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

248-8653-026 Datasheet (PDF) - ITT Industries

248-8653-026 Datasheet PDF - ITT Industries
Part # 248-8653-026
Download  248-8653-026 Download
File Size   13085.69 Kbytes
Page   79 Pages
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries
Description Cannon APD Series ISO 15170 Connectors

248-8653-026 Datasheet (PDF)

Go To PDF Page Download Datasheet
248-8653-026 Datasheet PDF - ITT Industries

Part # 248-8653-026
Download  248-8653-026 Click to download

File Size   13085.69 Kbytes
Page   79 Pages
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries
Description Cannon APD Series ISO 15170 Connectors

248-8653-026 Datasheet (HTML) - ITT Industries




Similar Part No. - 248-8653-026

ManufacturerPart #DatasheetDescription
logo
3M Electronics
248-1282-00-0602J 3M-248-1282-00-0602J Datasheet
240Kb / 3P
For DIPs with .100" (2.54 mm) lead spacing
18-Aug-2000
logo
AG Electronica
248-1282-00-0602J AGELECTRONICA-248-1282-00-0602J Datasheet
303Kb / 4P
BASE P/CI, CERO FUERZA DE INSERCIÓN
31/01/2018
248-1282-00-0602J AGELECTRONICA-248-1282-00-0602J Datasheet
303Kb / 4P
BASE P/CI, CERO FUERZA DE INSERCIÓN
31/01/2018
248-1282-00-0602J AGELECTRONICA-248-1282-00-0602J Datasheet
308Kb / 4P
BASE P/CI, CERO FUERZA DE INSERCIÓN
31/01/2018
248-1282-00-0602J AGELECTRONICA-248-1282-00-0602J Datasheet
308Kb / 4P
BASE P/CI, CERO FUERZA DE INSERCIÓN
31/01/2018
More results


Similar Description - 248-8653-026

ManufacturerPart #DatasheetDescription
logo
ITT Industries
121583-0000 ITT-121583-0000 Datasheet
140Kb / 4P
Cannon APD / DIN 72585 Connectors
logo
Glenair, Inc.
547-005BT GLENAIR-547-005BT Datasheet
84Kb / 1P
Boot Backshell for Cannon DPX3 Series Connectors
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
Cannon 75 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
Cannon 50 Ohm Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
Cannon ZD Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
1504728 ITT-1504728 Datasheet
571Kb / 2P
APD Transportation Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
Cannon ZD Connectors
More results




About ITT Industries


ITT Inc. (formerly ITT Industries) is an American multinational conglomerate that operates in various industries, including aerospace, defense, communications, industrial and consumer products, and transportation. The company was founded in 1920 and is headquartered in White Plains, New York.

ITT operates through several business units, including Connect and Control Technologies, Defense and Information Solutions, Industrial Process, and Motion Technologies. These units offer a broad range of products and services, including connectors, valves, switches, pumps, control systems, electronic components, communications systems, and aerospace components.

ITT's engineering team has extensive experience in developing advanced technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

ITT's products are known for their high quality, reliability, and performance. The company uses advanced technologies and materials to develop products that are efficient, durable, and cost-effective.

Overall, ITT Inc. is a trusted provider of high-quality products and services for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com