Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9915 Datasheet (PDF) - Analog Devices

AD9915 Datasheet PDF - Analog Devices
Part # AD9915
Download  AD9915 Download
File Size   877.64 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC

AD9915 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9915 Datasheet PDF - Analog Devices

Part # AD9915
Download  AD9915 Click to download

File Size   877.64 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC

AD9915 Datasheet (HTML) - Analog Devices


AD9915 Product details

GENERAL DESCRIPTION
The AD9915 is a direct digital synthesizer (DDS) featuring a 12-bit DAC. The AD9915 uses advanced DDS technology, coupled with an internal high speed, high performance DAC to form a digitally programmable, complete high frequency synthesizer capable of generating a frequency agile analog output sinusoidal waveform at up to 1.0 GHz. The AD9915 enables fast frequency hopping and fine tuning resolution (64-bit capable using programmable modulus mode). The AD9915 also offers fast phase and amplitude hopping capability.
   
FEATURES
    2.5 GSPS internal clock speed
    Integrated 12-bit DAC
    Frequency tuning resolution to 135 pHz
    16-bit phase tuning resolution
    12-bit amplitude scaling
    Programmable modulus
    Automatic linear and nonlinear frequency sweeping
        capability
    32-bit parallel datapath interface
    8 frequency/phase offset profiles
    Phase noise: −128 dBc/Hz (1 kHz offset at 978 MHz)
    Wideband SFDR < −57 dBc
    Serial or parallel input/output control
    1.8 V/3.3 V power supplies
    Software and hardware controlled power-down
    88-lead LFCSP package
    PLL REF CLK multiplier
    Phase modulation capability
    Amplitude modulation capability
    Multichip synchronization
   
APPLICATIONS
    Agile LO frequency synthesis
    Programmable clock generator
    FM chirp source for radar and scanning systems
    Test and measurement equipment
    Acousto-optic device drivers
    Polar modulator
    Fast frequency hopping
   




Similar Part No. - AD9915

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9915 AD-AD9915 Datasheet
2Mb / 51P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
Rev. G
AD9915/PCBZ AD-AD9915/PCBZ Datasheet
2Mb / 51P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
Rev. G
AD9915BCPZ AD-AD9915BCPZ Datasheet
2Mb / 51P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
Rev. G
AD9915BCPZ-REEL7 AD-AD9915BCPZ-REEL7 Datasheet
2Mb / 51P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
Rev. G
AD9915 AD-AD9915_V01 Datasheet
2Mb / 51P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
Rev. G
More results


Similar Description - AD9915

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9912 AD-AD9912 Datasheet
113Kb / 3P
1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
6/10-Rev. E to Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
1 GSPS Direct Digital Synthesizer
REV. C
AD9914 AD-AD9914 Datasheet
898Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
852Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
6/2016-Rev. E to Rev. F
AD9174 AD-AD9174 Datasheet
2Mb / 163P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
11/2018-Revision 0
AD9174 AD-AD9174_V01 Datasheet
3Mb / 164P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
5/2019-Rev. 0 to Rev. A
AD9914S AD-AD9914S Datasheet
1Mb / 17P
3.5 GPSP Direct Digital Synthesizer with 12-Bit DAC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com