Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912ABCPZ Datasheet (PDF) - Analog Devices

AD9912ABCPZ Datasheet PDF - Analog Devices
Part # AD9912ABCPZ
Download  AD9912ABCPZ Download
File Size   649.35 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 GSPS Direct Digital Synthesizer with 14-Bit DAC

AD9912ABCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9912ABCPZ Datasheet PDF - Analog Devices

Part # AD9912ABCPZ
Download  AD9912ABCPZ Click to download

File Size   649.35 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 GSPS Direct Digital Synthesizer with 14-Bit DAC

AD9912ABCPZ Datasheet (HTML) - Analog Devices


AD9912ABCPZ Product details

GENERAL DESCRIPTION
The AD9912 is a direct digital synthesizer (DDS) that features an integrated 14-bit digital-to-analog converter (DAC). The AD9912 features a 48-bit frequency tuning word (FTW) that can synthesize frequencies in step sizes no larger than 4 μHz. Absolute frequency accuracy can be achieved by adjusting the DAC system clock.The AD9912 also features an integrated system clock phase locked loop (PLL) that allows for system clock inputs as low as 25 MHz.

FEATURES
1 GSPS internal clock speed (up to 400 MHz output directly)
Integrated 1 GSPS 14-bit DAC
48-bit frequency tuning word with 4 μHz resolution
Differential HSTL comparator
Flexible system clock input accepts either crystal or external reference clock
On-chip low noise PLL REFCLK multiplier
2 SpurKiller channels
Low jitter clock doubler for frequencies up to 750 MHz
Single-ended CMOS comparator; frequencies of <150 MHz
Programmable output divider for CMOS output
Serial I/O control
Excellent dynamic performance
Software controlled power-down
Available in two 64-lead LFCSP packages
Residual phase noise @ 250 MHz
  10 Hz offset: −113 dBc/Hz
  1 kHz offset: −133 dBc/Hz
  100 kHz offset: −153 dBc/Hz
  40 MHz offset: −161 dBc/Hz
 
APPLICATIONS
Agile LO frequency synthesis
Low jitter, fine tune clock generation
Test and measurement equipment
Wireless base stations and controllers
Secure communications
Fast frequency hopping 




Similar Part No. - AD9912ABCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
1Mb / 38P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. G
AD9912ABCPZ-REEL7 AD-AD9912ABCPZ-REEL7 Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912ABCPZ-REEL7 AD-AD9912ABCPZ-REEL7 Datasheet
1Mb / 38P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. G
More results


Similar Description - AD9912ABCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9858 AD-AD9858 Datasheet
1Mb / 32P
1 GSPS Direct Digital Synthesizer
AD9910 AD-AD9910 Datasheet
488Kb / 13P
1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
AD9912 AD-AD9912 Datasheet
113Kb / 3P
1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
6/10-Rev. E to Rev. F
AD9910 AD-AD9910_07 Datasheet
1Mb / 60P
1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
5/07-Revision 0
AD9915 AD-AD9915 Datasheet
877Kb / 48P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
1 GSPS Direct Digital Synthesizer
REV. C
AD9914 AD-AD9914 Datasheet
898Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
852Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
6/2016-Rev. E to Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com