Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912ABCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD9912ABCPZ Datasheet HTML 1Page - Analog Devices AD9912ABCPZ Datasheet HTML 2Page - Analog Devices AD9912ABCPZ Datasheet HTML 3Page - Analog Devices AD9912ABCPZ Datasheet HTML 4Page - Analog Devices AD9912ABCPZ Datasheet HTML 5Page - Analog Devices AD9912ABCPZ Datasheet HTML 6Page - Analog Devices AD9912ABCPZ Datasheet HTML 7Page - Analog Devices AD9912ABCPZ Datasheet HTML 8Page - Analog Devices AD9912ABCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD9912
Rev. F | Page 4 of 40
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V ± 5%, AVDD3 = 3.3 V ± 5%, DVDD = 1.8 V ± 5%, DVDD_I/O = 3.3 V ± 5%, AVSS = 0 V, DVSS = 0 V, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
DVDD_I/O (Pin 1)
3.135
3.30
3.465
V
DVDD (Pin 3, Pin 5, Pin 7)
1.71
1.80
1.89
V
AVDD3 (Pin 14, Pin 46, Pin 47, Pin 49)
3.135
3.30
3.465
V
AVDD3 (Pin 37)
1.71
3.30
3.465
V
Pin 37 is typically 3.3 V but can be set to 1.8 V
AVDD (Pin 11, Pin 19, Pin 23 to Pin 26, Pin 29,
Pin 30, Pin 36, Pin 42, Pin 44, Pin 45, Pin 53)
1.71
1.80
1.89
V
SUPPLY CURRENT
See also the Total Power Dissipation
specifications
IAVDD3 (Pin 37)
8
9.6
mA
CMOS output driver at 3.3 V, 50 MHz, with
5 pF load
IAVDD3 (Pin 46, Pin 47, Pin 49)
26
31
mA
DAC output current source, fS = 1 GSPS
IAVDD (Pin 11, Pin 19, Pin 23 to Pin 26, Pin 29,
Pin 30, Pin 36, Pin 42, Pin 44, Pin 45)
113
136
mA
Aggregate analog supply, with system
clock PLL, HSTL output driver, and S-divider
enabled
IAVDD (Pin 53)
40
48
mA
DAC power supply
IDVDD (Pin 3, Pin 5, Pin 7)
205
246
mA
Digital core (SpurKiller off )
IDVDD_I/O (Pin 1, Pin 14 1)
2
3
mA
Digital I/O (varies dynamically)
LOGIC INPUTS (Except Pin 32)
Pin 9, Pin 10, Pin 54, Pin 55, Pin 58 to Pin 61,
Pin 63, Pin 64
Input High Voltage (VIH)
2.0
DVDD_I/O
V
Input Low Voltage (VIL)
DVSS
0.8
V
Input Current (IINH, IINL)
±60
±200
μA
At VIN = 0 V and VIN = DVDD_I/O
Maximum Input Capacitance (CIN)
3
pF
CLKMODESEL (Pin 32) LOGIC INPUT
Pin 32 only
Input High Voltage (VIH)
1.4
AVDD
V
Input Low Voltage (VIL)
AVSS
0.4
V
Input Current (IINH, IINL)
−18
−50
μA
At VIN = 0 V and VIN = AVDD
Maximum Input Capacitance (CIN)
3
pF
LOGIC OUTPUTS
Pin 62 and the following bidirectional pins:
Pin 9, Pin 10, Pin 54, Pin 55, Pin 63
Output High Voltage (VOH)
2.7
DVDD_I/O
V
IOH = 1 mA
Output Low Voltage (VOL)
DVSS
0.4
V
IOL = 1 mA
FDBK_IN INPUT
Pin 40, Pin 41
Input Capacitance
3
pF
Input Resistance
18
22
26
kΩ
Differential
Differential Input Voltage Swing
225
mV p-p
Equivalent to 112.5 mV swing on each leg;
must be ac-coupled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com