Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912ABCPZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 32Page - Analog Devices AD9912ABCPZ Datasheet HTML 33Page - Analog Devices AD9912ABCPZ Datasheet HTML 34Page - Analog Devices AD9912ABCPZ Datasheet HTML 35Page - Analog Devices AD9912ABCPZ Datasheet HTML 36Page - Analog Devices AD9912ABCPZ Datasheet HTML 37Page - Analog Devices AD9912ABCPZ Datasheet HTML 38Page - Analog Devices AD9912ABCPZ Datasheet HTML 39Page - Analog Devices AD9912ABCPZ Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
AD9912
Rev. F | Page 36 of 40
Register 0x01A9—FTW0 (Frequency Tuning Word) (Continued)
Table 27.
Bits
Bit Name
Description
[31:24]
FTW0
These registers contain the FTW (frequency tuning word) for the DDS. The FTW determines the ratio
of the AD9912 output frequency to its DAC system clock. Register 0x01A6 is the least significant
byte of the FTW. Note that the power-up default is defined by start-up Pin S1 to Pin S4. Updates to
the FTW results in an instantaneous frequency jump but no phase discontinuity.
Register 0x01AA—FTW0 (Frequency Tuning Word) (Continued)
Table 28.
Bits
Bit Name
Description
[39:32]
FTW0
These registers contain the FTW (frequency tuning word) for the DDS. The FTW determines the ratio
of the AD9912 output frequency to its DAC system clock. Register 0x01A6 is the least significant
byte of the FTW. Note that the power-up default is defined by start-up Pin S1 to Pin S4. Updates to
the FTW results in an instantaneous frequency jump but no phase discontinuity.
Register 0x01AB—FTW0 (Frequency Tuning Word) (Continued)
Table 29.
Bits
Bit Name
Description
[47:40]
FTW0
These registers contain the FTW (frequency tuning word) for the DDS. The FTW determines the ratio
of the AD9912 output frequency to its DAC system clock. Register 0x01A6 is the least significant
byte of the FTW. Note that the power-up default is defined by start-up Pin S1 to Pin S4. Updates to
the FTW results in an instantaneous frequency jump but no phase discontinuity.
Register 0x01AC—Phase
Table 30.
Bits
Bit Name
Description
[7:0]
DDS phase word
Allows the user to vary the phase of the DDS output. See the Direct Digital Synthesizer section.
Register 0x01AC is the least significant byte of the phase offset word (POW). Note that a momentary
phase discontinuity may occur as the phase passes through 45° intervals.
Register 0x01AD—Phase (Continued)
Table 31.
Bits
Bit Name
Description
[13:8]
DDS phase word
Allows the user to vary the phase of the DDS output. See the Direct Digital Synthesizer section.
Register 0x01AC is the least significant byte of the phase offset word (POW). Note that a momentary
phase discontinuity may occur as the phase passes through 45° intervals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com