Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912ABCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 10Page - Analog Devices AD9912ABCPZ Datasheet HTML 11Page - Analog Devices AD9912ABCPZ Datasheet HTML 12Page - Analog Devices AD9912ABCPZ Datasheet HTML 13Page - Analog Devices AD9912ABCPZ Datasheet HTML 14Page - Analog Devices AD9912ABCPZ Datasheet HTML 15Page - Analog Devices AD9912ABCPZ Datasheet HTML 16Page - Analog Devices AD9912ABCPZ Datasheet HTML 17Page - Analog Devices AD9912ABCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD9912
Rev. F | Page 14 of 40
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–125
–115
–135
–145
–155
–165
–175
RMS JITTER (100Hz TO 20MHz):
50MHz:
200MHz:
400MHz:
62fs
37fs
31fs
200MHz
400MHz
50MHz
Figure 21. Absolute Phase Noise of Unfiltered DAC Output,
fOUT = 50 MHz, 200 MHz, and 400 MHz, SYSCLK Driven by
a 1 GHz Wenzel Oscillator (SYSCLK PLL Bypassed)
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–125
–115
–135
–145
–155
–165
–175
RMS JITTER (100Hz TO 20MHz): 69fs
Figure 22. Absolute Phase Noise of Unfiltered DAC Output, fOUT = 63 MHz,
SYSCLK Driven by a 1 GHz Wenzel Oscillator (SYSCLK PLL Bypassed)
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–125
–115
–135
–145
–155
–165
–175
RMS JITTER (100Hz TO 40MHz): 61fs
Figure 23. Absolute Phase Noise of Unfiltered DAC Output, fOUT = 171 MHz,
SYSCLK Driven by a 1 GHz Wenzel Oscillator (SYSCLK PLL Bypassed)
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–125
–115
–135
–145
–155
–165
–175
RMS JITTER (100Hz TO 100MHz): 83fs
Figure 24. Absolute Phase Noise of Unfiltered DAC Output, fOUT = 258.3 MHz,
SYSCLK Driven by a 1 GHz Wenzel Oscillator (SYSCLK PLL Bypassed)
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–125
–115
–135
–145
–155
–165
–175
RMS JITTER (100Hz TO 100MHz): 82fs
Figure 25. Absolute Phase Noise of Unfiltered DAC Output, fOUT = 311.6 MHz,
SYSCLK Driven by a 1 GHz Wenzel Oscillator (SYSCLK PLL Bypassed)
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–120
–110
–130
–140
–150
–160
–170
RMS JITTER (100Hz TO 100MHz): 22fs
Figure 26. Absolute Phase Noise of 1 GHz Reference Used for Performance
Plots; Wenzel Components Used: 100 MHz Oscillator, LNBA-13-24 Amp,
LNOM 100-5 Multiplier, LNDD 500-14 Diode Doubler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com