Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912ABCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 6Page - Analog Devices AD9912ABCPZ Datasheet HTML 7Page - Analog Devices AD9912ABCPZ Datasheet HTML 8Page - Analog Devices AD9912ABCPZ Datasheet HTML 9Page - Analog Devices AD9912ABCPZ Datasheet HTML 10Page - Analog Devices AD9912ABCPZ Datasheet HTML 11Page - Analog Devices AD9912ABCPZ Datasheet HTML 12Page - Analog Devices AD9912ABCPZ Datasheet HTML 13Page - Analog Devices AD9912ABCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD9912
Rev. F | Page 10 of 40
Pin No.
Input/
Output
Pin Type
Mnemonic
Description
32
I
1.8 V CMOS
CLKMODESEL
Clock Mode Select. Set to GND when connecting a crystal to the system
clock input (Pin 27 and Pin 28). Pull up to 1.8 V when using either an
oscillator or an external clock source. This pin can be left unconnected
when the system clock PLL is bypassed. (See the SYSCLK Inputs section for
details on the use of this pin.)
33, 39, 43, 52
O
GND
AVSS
Analog Ground. Connect to ground.
34
O
1.8 V HSTL
OUTB
Complementary HSTL Output. See the Specifications and Primary 1.8 V
Differential HSTL Driver sections for details.
35
O
1.8 V HSTL
OUT
HSTL Output. See the Specifications and Primary 1.8 V Differential HSTL
Driver sections for details.
37
I
Power
AVDD3
Analog Supply for CMOS Output Driver. This pin is normally 3.3 V but can
be 1.8 V. This pin should be powered even if the CMOS driver is not used.
See the Power Supply Partitioning section for power supply partitioning.
38
O
3.3 V CMOS
OUT_CMOS
CMOS Output. See the Specifications section and the Output Clock Drivers
and 2× Frequency Multiplier section. This pin is 1.8 V CMOS if Pin 37 is set
to 1.8 V.
40
I
Differential
input
FDBK_INB
Complementary Feedback Input. When using the HSTL and CMOS outputs,
this pin is connected to the filtered DAC_OUTB output. This internally
biased input is typically ac-coupled, and when configured as such, can
accept any differential signal whose single-ended swing is at least 400 mV.
41
I
Differential
input
FDBK_IN
Feedback Input. In standard operating mode, this pin is connected to the
filtered DAC_OUT output.
48
O
Current set
resistor
DAC_RSET
DAC Output Current Setting Resistor. Connect a resistor (usually 10 kΩ)
from this pin to GND. See the Digital-To-Analog (DAC) Output section.
50
O
Differential
output
DAC_OUT
DAC Output. This signal should be filtered and sent back on-chip through
the FDBK_IN input. This pin has an internal 50 Ω pull-down resistor.
51
O
Differential
output
DAC_OUTB
Complementary DAC Output. This signal should be filtered and sent back
on-chip through the FDBK_INB input. This pin has an internal 50 Ω pull-
down resistor.
56, 57
Power
DVSS
Digital Ground. Connect to ground.
58
I
3.3 V CMOS
PWRDOWN
Power-Down. When this active high pin is asserted, the device becomes
inactive and enters the full power-down state. This pin has an internal
50 kΩ pull-down resistor.
59
I
3.3 V CMOS
RESET
Chip Reset. When this active high pin is asserted, the chip goes into reset.
Note that on power-up, a 10 μs reset pulse is internally generated when
the power supplies reach a threshold and stabilize. This pin should be
grounded with a 10 kΩ resistor if not used.
60
I
3.3 V CMOS
IO_UPDATE
I/O Update. A logic transition from 0 to 1 on this pin transfers data from the
I/O port registers to the control registers (see the Write section). This pin
has an internal 50 kΩ pull-down resistor.
61
I
3.3 V CMOS
CSB
Chip Select. Active low. When programming a device, this pin must be held
low. In systems where more than one AD9912 is present, this pin enables
individual programming of each AD9912. This pin has an internal 100 kΩ
pull-up resistor.
62
O
3.3 V CMOS
SDO
Serial Data Output. When the device is in 3-wire mode, data is read on this
pin. There is no internal pull-up/pull-down resistor on this pin.
63
I/O
3.3 V CMOS
SDIO
Serial Data Input/Output. When the device is in 3-wire mode, data is
written via this pin. In 2-wire mode, data reads and writes both occur on
this pin. There is no internal pull-up/pull-down resistor on this pin.
64
I
3.3 V CMOS
SCLK
Serial Programming Clock. Data clock for serial programming. This pin has
an internal 50 kΩ pull-down resistor.
Exposed Die Pad
O
GND
EPAD
Analog Ground. The exposed die pad on the bottom of the package
provides the analog ground for the part; this exposed pad must be
connected to ground for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com