Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912ABCPZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 11Page - Analog Devices AD9912ABCPZ Datasheet HTML 12Page - Analog Devices AD9912ABCPZ Datasheet HTML 13Page - Analog Devices AD9912ABCPZ Datasheet HTML 14Page - Analog Devices AD9912ABCPZ Datasheet HTML 15Page - Analog Devices AD9912ABCPZ Datasheet HTML 16Page - Analog Devices AD9912ABCPZ Datasheet HTML 17Page - Analog Devices AD9912ABCPZ Datasheet HTML 18Page - Analog Devices AD9912ABCPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
AD9912
Rev. F | Page 15 of 40
0
200
400
600
800
FREQUENCY (MHz)
650
600
550
500
450
NOM SKEW 25°C, 1.8V SUPPLY
WORST CASE (SLOW SKEW 90°C, 1.7V SUPPLY)
0
0.5
1.0
1.5
2.0
2.5
TIME (ns)
0.4
0.6
0.2
0
–0.2
–0.4
–0.6
FREQUENCY = 600MHz
tRISE (20%→80%) = 104ps
tFALL (80%→20%) = 107ps
V p-p = 1.17V DIFF.
DUTY CYCLE = 50%
Figure 27. HSTL Output Driver Single-Ended Peak-to-Peak Amplitude vs.
Toggle Rate (100 Ω Across Differential Pair)
Figure 30. Typical HSTL Output Waveform, Nominal Conditions,
DC-Coupled, Differential Probe Across 100 Ω load
0
1020
304
FREQUENCY (MHz)
2.5
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100
TIME (ns)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
FREQUENCY = 20MHz
tRISE (20%→80%) = 5.5ns
tFALL (80%→20%) = 5.9ns
V p-p = 1.8V
DUTY CYCLE = 53%
0
NOM SKEW 25°C, 1.8V SUPPLY (20pF)
WORST CASE (SLOW SKEW 90°C,
1.7V SUPPLY (20pF))
Figure 31. Typical CMOS Output Driver Waveform (@ 1.8 V),
Nominal Conditions, Estimated Capacitance = 5 pF
Figure 28. CMOS Output Driver Peak-to-Peak Amplitude vs. Toggle Rate
(AVDD3 = 1.8 V) with 20 pF Load
0
50
100
150
FREQUENCY (MHz)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
NOM SKEW 25°C, 1.8V SUPPLY (20pF)
WORST CASE (SLOW SKEW 90°C,
3.0V SUPPLY (20pF))
0
10
2030
405
TIME (ns)
3.3
2.8
2.3
1.8
1.3
0.8
0.3
–0.2
0
FREQUENCY = 40MHz
tRISE (20%→80%) = 2.25ns
tFALL (80%→20%) = 2.6ns
V p-p = 3.3V
DUTY CYCLE = 52%
Figure 32. CMOS Output Driver Waveform (@ 3.3 V),
Nominal Conditions, Estimated Capacitance = 5 pF
Figure 29. CMOS Output Driver Peak-to-Peak Amplitude vs. Toggle Rate
(AVDD3 = 3.3 V) with 20 pF Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com