Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912ABCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 7Page - Analog Devices AD9912ABCPZ Datasheet HTML 8Page - Analog Devices AD9912ABCPZ Datasheet HTML 9Page - Analog Devices AD9912ABCPZ Datasheet HTML 10Page - Analog Devices AD9912ABCPZ Datasheet HTML 11Page - Analog Devices AD9912ABCPZ Datasheet HTML 12Page - Analog Devices AD9912ABCPZ Datasheet HTML 13Page - Analog Devices AD9912ABCPZ Datasheet HTML 14Page - Analog Devices AD9912ABCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD9912
Rev. F | Page 11 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD, AVDD3, and DVDD at nominal supply voltage; DAC RSET = 10 kΩ, unless otherwise noted. See Figure 26 for 1 GHz reference
phase noise used for generating these plots.
0
100
200
300
400
500
OUTPUT FREQUENCY (MHz)
–50
–55
–60
–65
–70
–75
–80
+25°C
–40°C
+85°C
0
100
200
300
400
500
FREQUENCY (MHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
98.6MHz
–67dBc
500MHz
3kHz
10kHz
CARRIER:
SFDR:
FREQ. SPAN:
RESOLUTION BW:
VIDEO BW:
Figure 3. Wideband SFDR vs. Output Frequency at −40°C, +25°C, and +85°C,
SYSCLK = 1 GHz (SYSCLK PLL Bypassed)
Figure 6. Wideband SFDR at 98.6 MHz,
SYSCLK = 1 GHz (SYSCLK PLL Bypassed)
0
100
200
300
400
500
OUTPUT FREQUENCY (MHz)
–50
–55
–60
–65
–70
–75
–80
HIGH VDD
NORMAL VDD
LOW VDD
0
100
200
300
400
500
FREQUENCY (MHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
201.1MHz
–61dBc
500MHz
3kHz
10kHz
CARRIER:
SFDR:
FREQ. SPAN:
RESOLUTION BW:
VIDEO BW:
Figure 4. Variation of Wideband SFDR vs. Frequency over DAC Power Supply
Voltage, SYSCLK = 1 GHz (SYSCLK PLL Bypassed)
Figure 7. Wideband SFDR at 201.1 MHz,
SYSCLK = 1 GHz (SYSCLK PLL Bypassed)
0
100
200
300
400
500
FREQUENCY (MHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
20.1MHz
–79dBc
500MHz
3kHz
10kHz
CARRIER:
SFDR:
FREQ. SPAN:
RESOLUTION BW:
VIDEO BW:
0
100
200
300
400
500
FREQUENCY (MHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
398.7MHz
–59dBc
500MHz
3kHz
10kHz
CARRIER:
SFDR:
FREQ. SPAN:
RESOLUTION BW:
VIDEO BW:
Figure 5. Wideband SFDR at 20.1 MHz,
SYSCLK = 1 GHz (SYSCLK PLL Bypassed)
Figure 8. Wideband SFDR at 398.7 MHz,
SYSCLK = 1 GHz (SYSCLK PLL Bypassed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com