Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX055BK Datasheet (PDF) - Sony Corporation

ICX055BK Datasheet PDF - Sony Corporation
Part # ICX055BK
Download  ICX055BK Download
File Size   197.6 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras

ICX055BK Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX055BK Datasheet PDF - Sony Corporation

Part # ICX055BK
Download  ICX055BK Click to download

File Size   197.6 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras

ICX055BK Datasheet (HTML) - Sony Corporation


ICX055BK Product details

Description
The ICX255AK is an interline CCD solid-state image sensor suitable for PAL color video cameras with a diagonal 6mm (Type1/3) system. Compared with the current product ICX055BK, basic characteristics such as sensitivity, smear, dynamic range and S/N are improved drastically through the adoption of EXview HAD CCDTM technology.
This chip features a field period readout system and
an electronic shutter with variable charge-storage time.
EXview HAD CCDTM has different spectral characteristics from the current CCD.

Features
• High sensitivity (+6dB compared with the ICX055BK)
• Low smear (–20dB compared with the ICX055BK)
• High D range (+3dB compared with the ICX055BK)
• High S/N
• Low dark current
• Excellent antiblooming characteristics
• Ye, Cy, Mg, and G complementary color mosaic filters on chip
• Continuous variable-speed shutter
• No voltage adjustment (Reset gate and substrate bias are not adjusted.)
• Reset gate: 5V drive
• Horizontal register: 5V drive




Similar Part No. - ICX055BK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX055BK SONY-ICX055BK Datasheet
210Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results


Similar Description - ICX055BK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX055BK SONY-ICX055BK Datasheet
210Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX059AKB SONY-ICX059AKB Datasheet
498Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Cameras?
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX254AK SONY-ICX254AK Datasheet
197Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX258AK SONY-ICX258AK Datasheet
198Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX259AK SONY-ICX259AK Datasheet
200Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX404AK SONY-ICX404AK Datasheet
204Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com