Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7252B Datasheet (PDF) - Richtek Technology Corporation

RT7252B Datasheet PDF - Richtek Technology Corporation
Part # RT7252B
Download  RT7252B Download
File Size   360.29 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 17V, 340/800kHz Synchronous Step-Down Converter

RT7252B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT7252B Datasheet PDF - Richtek Technology Corporation

Part # RT7252B
Download  RT7252B Click to download

File Size   360.29 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 17V, 340/800kHz Synchronous Step-Down Converter

RT7252B Datasheet (HTML) - Richtek Technology Corporation


RT7252B Product details

General Description
The RT7252A/B is a high efficiency, monolithic synchronous step-down DC/DC converter that can operate at 340kHz/800kHz, while delivering up to 2A output current from a 4V to 17V input supply. The RT7252A/Bs current mode architecture allows the transient response to be optimized. Cycle-by-cycle current limit provides protection against shorted outputs and soft-start eliminates input current surge during start-up.

Features
• 4V to 17V Input Voltage Range
• 2A Output Current
• Internal N-MOSFETs
• Current Mode Control
• Fixed Frequency Operation : 340kHz/800kHz
• Output Adjustable from 0.8V to 12V
• Up to 95% Efficiency
• Internal Compensation
• Stable with Low ESR Ceramic Output Capacitors
• Cycle-by-Cycle Over Current Protection
• Input Under Voltage Lockout
• Output Under Voltage Protection
• Output Over Voltage Protection
• Power Good Indicator
• Thermal Shutdown Protection
• RoHS Compliant and Halogen Free

Applications
• Industrial and Commercial Low Power Systems
• Computer Peripherals
• LCD Monitors and TVs
• Green Electronics/Appliances
• Point of Load Regulation for High-Performance DSPs, FPGAs, and ASICs




Similar Part No. - RT7252B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7252BZSP RICHTEK-RT7252BZSP Datasheet
724Kb / 10P
Evaluation Board
More results


Similar Description - RT7252B

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
2A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7247C RICHTEK-RT7247C Datasheet
277Kb / 15P
2A, 18V, 800kHz Synchronous Step-Down Converter
RT7250A RICHTEK-RT7250A Datasheet
300Kb / 14P
2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7251A RICHTEK-RT7251A Datasheet
241Kb / 14P
1.5A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7257G RICHTEK-RT7257G Datasheet
277Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2228 MPS-MP2228 Datasheet
562Kb / 16P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234 MPS-MP2234 Datasheet
1Mb / 21P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234S MPS-MP2234S Datasheet
722Kb / 19P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
logo
Richtek Technology Corp...
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
3A, 17V, 340kHz Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com