Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7252B Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT7252B
Description  2A, 17V, 340/800kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7252B Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT7252B Datasheet HTML 1Page - Richtek Technology Corporation RT7252B Datasheet HTML 2Page - Richtek Technology Corporation RT7252B Datasheet HTML 3Page - Richtek Technology Corporation RT7252B Datasheet HTML 4Page - Richtek Technology Corporation RT7252B Datasheet HTML 5Page - Richtek Technology Corporation RT7252B Datasheet HTML 6Page - Richtek Technology Corporation RT7252B Datasheet HTML 7Page - Richtek Technology Corporation RT7252B Datasheet HTML 8Page - Richtek Technology Corporation RT7252B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT7252A/B
3
DS7252A/B-01 April 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
SW
Switch Node. Connect to external L-C filter.
2
VIN
Input Supply Voltage. Must bypass with a suitably large ceramic
capacitor.
3
BOOT
Bootstrap for High Side Gate Driver. Connect 0.01
μF or greater ceramic
capacitor from BOOT to SW pin.
4
EN
Chip Enable. A logic-high enables the converter; a logic-low forces the
RT7252A/B into shutdown mode, reducing the supply current to less
than 5
μA. Attach this pin to VIN with a 100kΩ pull up resistor for
automatic startup.
5
FB
Feedback Input Pin. For an adjustable output, connect an external
resistive voltage divider to this pin.
6
PGOOD
Power Good Indicator with Open Drain. The output of this pin is pulled to
low when the FB is lower than 0.7V; otherwise it is high impedance. A
100k
Ω pull-high resistor is needed.
7, 9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
8
NC
No Internal Connection.
Functional Pin Description
Internal
Regulator
+
-
Enable
Comparator
EN
2.5V
5k
3V
VIN
OSC
340kHz/800kHz
Foldback
Control
+
-
1pF
35pF 400k
+
-
Error Amp
0.8V
UV Comparator
+
-
+
-
Current
Comparator
OV Comparator
0.4V
UV
FB
R
SQ
Q
VA
+
-
0.7V
FB
BOOT
155m
SW
GND
PGOOD
Current Sense
Amplifier
Slope Comp
PGOOD
Comparator
VA VCC
150m
+
-
1V
OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com