Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX503 Datasheet (PDF) - Sony Corporation

ILX503 Datasheet PDF - Sony Corporation
Part # ILX503
Download  ILX503 Download
File Size   198.52 Kbytes
Page   15 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2048-pixel CCD Linear Image Sensor (B/W)

ILX503 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILX503 Datasheet PDF - Sony Corporation

Part # ILX503
Download  ILX503 Click to download

File Size   198.52 Kbytes
Page   15 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2048-pixel CCD Linear Image Sensor (B/W)

ILX503 Datasheet (HTML) - Sony Corporation


ILX503 Product details

Description
The ILX503A is a reduction type CCD linear sensor designed for facsimile, image scanner and OCR use. This sensor reads B4 size documents at a density of 200 DPI (Dot Per Inch). A built-in timing generator and clock-drivers ensure direct drive at 5V logic for easy use.

Features
• Number of effective pixels: 2048 pixels
• Pixel size: 14µm × 14µm (14µm pitch)
• Built-in timing generator and clock-drivers
• Ultra low lag
• Maximum clock frequency: 5MHz




Similar Part No. - ILX503

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX505A SONY-ILX505A Datasheet
144Kb / 14P
2592-pixel CCD Linear Image Sensor (B/W)
ILX506 SONY-ILX506 Datasheet
134Kb / 14P
5000-pixel CCD Linear Image Sensor (B/W)
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
7926-pixel CCD Linear Image Sensor (B/W)
More results


Similar Description - ILX503

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX505A SONY-ILX505A Datasheet
144Kb / 14P
2592-pixel CCD Linear Image Sensor (B/W)
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
7926-pixel CCD Linear Image Sensor (B/W)
ILX511 SONY-ILX511 Datasheet
145Kb / 13P
2048-pixel CCD Linear Image Sensor (B/W)
ILX514 SONY-ILX514 Datasheet
145Kb / 15P
3918-pixel CCD Linear Image Sensor (B/W)
ILX521AA SONY-ILX521AA Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
ILX703A SONY-ILX703A Datasheet
225Kb / 19P
2048-pixel CCD Linear Image Sensor (B/W) with Shutter Function
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX751B SONY-ILX751B Datasheet
113Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com