Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX506 Datasheet (PDF) - Sony Corporation

ILX506 Datasheet PDF - Sony Corporation
Part # ILX506
Download  ILX506 Download
File Size   134.94 Kbytes
Page   14 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 5000-pixel CCD Linear Image Sensor (B/W)

ILX506 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILX506 Datasheet PDF - Sony Corporation

Part # ILX506
Download  ILX506 Click to download

File Size   134.94 Kbytes
Page   14 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 5000-pixel CCD Linear Image Sensor (B/W)

ILX506 Datasheet (HTML) - Sony Corporation


ILX506 Product details

Description
The ILX506 is a reduction type CCD linear sensor developed for high resolution facsimiles and copiers. This sensor reads A3-size documents at a density of 400 DPI (Dot Per Inch). A built-in timing generator and clock-drivers ensure direct drive at 5V logic for easy use. In addition, reset pulse can be switched between internal generation and external input.

Features
• Number of effective pixels: 5000 pixels
• Pixel size: 7µm × 7µm (7µm pitch)
• Built-in timing generator and clock-drivers
• Ultra low lag/ultra high sensitivity/low dark output
• Single output method
• Maximum clock frequency: 12.5MHz




Similar Part No. - ILX506

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX503 SONY-ILX503 Datasheet
198Kb / 15P
2048-pixel CCD Linear Image Sensor (B/W)
ILX503A SONY-ILX503A Datasheet
198Kb / 15P
2048-pixel CCD Linear Image Sensor (B/W)
ILX505A SONY-ILX505A Datasheet
144Kb / 14P
2592-pixel CCD Linear Image Sensor (B/W)
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
7926-pixel CCD Linear Image Sensor (B/W)
More results


Similar Description - ILX506

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX103A SONY-ILX103A Datasheet
100Kb / 12P
3000-pixel CCD Linear Image Sensor (B/W)
ILX503A SONY-ILX503A Datasheet
198Kb / 15P
2048-pixel CCD Linear Image Sensor (B/W)
ILX505A SONY-ILX505A Datasheet
144Kb / 14P
2592-pixel CCD Linear Image Sensor (B/W)
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
7926-pixel CCD Linear Image Sensor (B/W)
ILX511 SONY-ILX511 Datasheet
145Kb / 13P
2048-pixel CCD Linear Image Sensor (B/W)
ILX514 SONY-ILX514 Datasheet
145Kb / 15P
3918-pixel CCD Linear Image Sensor (B/W)
ILX521A SONY-ILX521A Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
ILX521AA SONY-ILX521AA Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
2700 pixel CCD Linear Sensor (B/W)
ILX526A SONY-ILX526A Datasheet
204Kb / 13P
3000-pixel CCD Linear Image Sensor (B/W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com