Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX523A Datasheet (PDF) - Sony Corporation

ILX523A Datasheet PDF - Sony Corporation
Part # ILX523A
Download  ILX523A Download
File Size   207.44 Kbytes
Page   13 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2700 pixel CCD Linear Sensor (B/W)

ILX523A Datasheet (PDF)

Go To PDF Page Download Datasheet
ILX523A Datasheet PDF - Sony Corporation

Part # ILX523A
Download  ILX523A Click to download

File Size   207.44 Kbytes
Page   13 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2700 pixel CCD Linear Sensor (B/W)

ILX523A Datasheet (HTML) - Sony Corporation


ILX523A Product details

Description
The ILX523A is a reduction type CCD linear sensor designed for facsimile, scanner and OCR use. This sensor reads A3 size documents at a density of 200 DPI (Dot Per Inch).
In addition, this can be directly driven at 5V logic and operate on single 12V power supply for easy use.

Features
• Number of effective pixels: 2700 pixels
• Pixel size: 11µm × 11µm (11µm pitch)
• Ultra low lag/High Sensitivity
• Built-in Feed through suppression circuit
• Built-in Sample-and-hold circuit
• Maximum data rate: 5MHz
• Single 12V power supply




Similar Part No. - ILX523A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX520K SONY-ILX520K Datasheet
122Kb / 10P
7078 X 3pixel CCD Linear Sensor (Color)
ILX521 SONY-ILX521 Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
ILX521 SONY-ILX521 Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
ILX521A SONY-ILX521A Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
ILX521AA SONY-ILX521AA Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
More results


Similar Description - ILX523A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
7926-pixel CCD Linear Image Sensor (B/W)
ILX510 SONY-ILX510 Datasheet
303Kb / 15P
5150-pixel CCD Linear Sensor (B/W)
ILX531A SONY-ILX531A Datasheet
252Kb / 14P
5150-pixel CCD Linear Sensor (B/W)
ILX532A SONY-ILX532A Datasheet
218Kb / 13P
7500-pixel CCD Linear Sensor (B/W)
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
5150-pixel CCD Linear Sensor (B/W)
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX751B SONY-ILX751B Datasheet
113Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX553B SONY-ILX553B Datasheet
107Kb / 12P
5150-pixel CCD Linear Sensor B W
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com