Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX553A Datasheet (PDF) - Sony Corporation

ILX553A Datasheet PDF - Sony Corporation
Part # ILX553A
Download  ILX553A Download
File Size   109.73 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 5150-pixel CCD Linear Sensor (B/W)

ILX553A Datasheet (PDF)

Go To PDF Page Download Datasheet
ILX553A Datasheet PDF - Sony Corporation

Part # ILX553A
Download  ILX553A Click to download

File Size   109.73 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 5150-pixel CCD Linear Sensor (B/W)

ILX553A Datasheet (HTML) - Sony Corporation


ILX553A Product details

Description

The ILX553A is a reduction type CCD linear sensor developped for DPPC, multifunction printers. This sensor reads A4-size documents at a density of 600 DPI at high speed of 16MHZ.



Features

• Number of effective pixels: 5150 pixels

• Pixel size: 7µm × 7µm (7µm pitch)

• Clamp circuit is on-chip

• Ultra high sensitivity/Ultra low lag

• Maximum data rate: 16MHz

• Single 12V power supply

• Input clock pulse: CMOS 5V drive

• Package: 22 pin Plastic DIP (400mil)



 




Similar Part No. - ILX553A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX553B SONY-ILX553B Datasheet
107Kb / 12P
5150-pixel CCD Linear Sensor B W
More results


Similar Description - ILX553A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
7926-pixel CCD Linear Image Sensor (B/W)
ILX510 SONY-ILX510 Datasheet
303Kb / 15P
5150-pixel CCD Linear Sensor (B/W)
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
2700 pixel CCD Linear Sensor (B/W)
ILX531A SONY-ILX531A Datasheet
252Kb / 14P
5150-pixel CCD Linear Sensor (B/W)
ILX532A SONY-ILX532A Datasheet
218Kb / 13P
7500-pixel CCD Linear Sensor (B/W)
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX751B SONY-ILX751B Datasheet
113Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX553B SONY-ILX553B Datasheet
107Kb / 12P
5150-pixel CCD Linear Sensor B W
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com