Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW7142 Datasheet (PDF) - Motorola, Inc

MHW7142 Datasheet PDF - Motorola, Inc
Part # MHW7142
Download  MHW7142 Download
File Size   51.05 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 750 MHz CATV Conventional Hybrid Amplifier

MHW7142 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW7142 Datasheet PDF - Motorola, Inc

Part # MHW7142
Download  MHW7142 Click to download

File Size   51.05 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 750 MHz CATV Conventional Hybrid Amplifier

MHW7142 Datasheet (HTML) - Motorola, Inc


MHW7142 Product details

The RF Line
750 MHz CATV Conventional Hybrid Amplifier

Designed specifically for 750 MHz CATV applications. Features ion–implanted arsenic emitter transistors with an all gold metallization system.

• Supply Voltage = 24 Vdc
• 5th Generation Die Technology
• Specified for 110 Channel Performance
• Power Gain = 14.5 dB max @ f = 50 MHz
• Superior Gain, Return Loss and DC Current Stability
• All Gold Metallization




Similar Part No. - MHW7142

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW7182 MOTOROLA-MHW7182 Datasheet
51Kb / 2P
18 dB GAIN 750/860/1000 MHz 110/128/152 CHANNEL CATV AMPLIFIERS
MHW7182A MOTOROLA-MHW7182A Datasheet
53Kb / 2P
110-Channel 750 MHz CATV Amplifier
MHW7185 MOTOROLA-MHW7185 Datasheet
62Kb / 2P
High Ouput Power Doubler 750 MHz CATV Amplifier
MHW7185A MOTOROLA-MHW7185A Datasheet
62Kb / 2P
High Ouput Power Doubler 750 MHz CATV Amplifier
MHW7185C MOTOROLA-MHW7185C Datasheet
54Kb / 2P
High Ouput Power Doubler 750 MHz CATV Amplifier
More results


Similar Description - MHW7142

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW7182A MOTOROLA-MHW7182A Datasheet
53Kb / 2P
110-Channel 750 MHz CATV Amplifier
MHW7185A MOTOROLA-MHW7185A Datasheet
62Kb / 2P
High Ouput Power Doubler 750 MHz CATV Amplifier
logo
ANADIGICS, Inc
ACA0861 ANADIGICS-ACA0861 Datasheet
452Kb / 11P
750/860 MHz CATV LINE AMPLIFIER MMIC
Rev 2
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
750/870 MHZ CATV LINE AMPLIFIER
Rev. 2.0
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
750/870 MHz CATV Push-Pull Line Amplifier
Rev 1.2
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.0
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.1
ACA0861 ANADIGICS-ACA0861_08 Datasheet
952Kb / 16P
750/860 MHz CATV Line Amplifier MMIC
Rev 2.3
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
ACA0861-A SKYWORKS-ACA0861-A Datasheet
1Mb / 18P
750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com