Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW7185 Datasheet (PDF) - Motorola, Inc

MHW7185 Datasheet PDF - Motorola, Inc
Part # MHW7185
Download  MHW7185 Download
File Size   62.41 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description High Ouput Power Doubler 750 MHz CATV Amplifier

MHW7185 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW7185 Datasheet PDF - Motorola, Inc

Part # MHW7185
Download  MHW7185 Click to download

File Size   62.41 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description High Ouput Power Doubler 750 MHz CATV Amplifier

MHW7185 Datasheet (HTML) - Motorola, Inc


MHW7185 Product details

Designed specifically for 750 MHz CATV applications. Features ionimplanted, arsenic emitter transistors with an all gold metallization system.



• Supply Voltage = 24 Vdc

• 6th Generation Die Technology

• Specified for 110 Channel Performance

• Broadband Power Gain @ f = 50 MHz

Gp = 18 dB Min (MHW7185A)

Gp = 19.5 dB Min (MHW7205A)

• Broadband Noise Figure @ f = 50 MHz NF = 6 dB Max

• Improvement in Distortion Over Conventional Hybrids

• Allows Higher Output Level Operation




Similar Part No. - MHW7185

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW7185C MOTOROLA-MHW7185C Datasheet
54Kb / 2P
High Ouput Power Doubler 750 MHz CATV Amplifier
logo
Freescale Semiconductor...
MHW7185CLN FREESCALE-MHW7185CLN Datasheet
72Kb / 4P
CATV Amplifier Module 750 MHz 19.2 dB GAIN 110-CHANNEL
MHW7185CN FREESCALE-MHW7185CN Datasheet
72Kb / 4P
750 MHz CATV 19.4 dB GAIN 110-CHANNEL Amplifier Module
logo
Motorola, Inc
MHW7185CR MOTOROLA-MHW7185CR Datasheet
54Kb / 2P
High Ouput Mirror Power Doubler 750 MHz CATV Amplifier
More results


Similar Description - MHW7185

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW5185B MOTOROLA-MHW5185B Datasheet
55Kb / 4P
High Ouput Doubler 450/550 MHz CATV Amplifier Modules
MHW6185-6A MOTOROLA-MHW6185-6A Datasheet
74Kb / 2P
High Ouput Doubler 600 MHz CATV Amplifier Modules
MHW6205-6A MOTOROLA-MHW6205-6A Datasheet
73Kb / 2P
High Ouput Doubler 600 MHz CATV Amplifier
MHW7185C MOTOROLA-MHW7185C Datasheet
54Kb / 2P
High Ouput Power Doubler 750 MHz CATV Amplifier
MHW7185CR MOTOROLA-MHW7185CR Datasheet
54Kb / 2P
High Ouput Mirror Power Doubler 750 MHz CATV Amplifier
MHW7205C MOTOROLA-MHW7205C Datasheet
54Kb / 2P
High Ouput Power Doubler 750 MHz CATV Amplifier
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.0
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.1
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com