Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX516K Datasheet (PDF) - Sony Corporation

ILX516K Datasheet PDF - Sony Corporation
Part # ILX516K
Download  ILX516K Download
File Size   132.01 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 3648 X 3pixel CCD Linear Sensor (Color)

ILX516K Datasheet (PDF)

Go To PDF Page Download Datasheet
ILX516K Datasheet PDF - Sony Corporation

Part # ILX516K
Download  ILX516K Click to download

File Size   132.01 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 3648 X 3pixel CCD Linear Sensor (Color)

ILX516K Datasheet (HTML) - Sony Corporation


ILX516K Product details

Description
The ILX516K is a reduction type CCD linear sensor developed for color image scanner. This sensor reads legal-size documents at a density of 400 DPI.

Features
• Number of effective pixels: 10944 pixels (3648 pixels × 3)
• Pixel size: 8µm × 8µm (8µm pitch)
• Distance between line: 64µm (8 Lines)
• Single-sided readout
• Ultra low lag / High sensitivity
• Single 12V power supply
• Input clock pulse: CMOS 5V drive
• Number of output 3 (R, G, B)
• Package: 22 pin cer-DIP (400 mil)




Similar Part No. - ILX516K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX510 SONY-ILX510 Datasheet
303Kb / 15P
5150-pixel CCD Linear Sensor (B/W)
ILX511 SONY-ILX511 Datasheet
145Kb / 13P
2048-pixel CCD Linear Image Sensor (B/W)
ILX514 SONY-ILX514 Datasheet
145Kb / 15P
3918-pixel CCD Linear Image Sensor (B/W)
ILX518 SONY-ILX518 Datasheet
128Kb / 11P
5363-pixel X 3 line CCD Linear Sensor (Color)
ILX518K SONY-ILX518K Datasheet
128Kb / 11P
5363-pixel X 3 line CCD Linear Sensor (Color)
More results


Similar Description - ILX516K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX520K SONY-ILX520K Datasheet
122Kb / 10P
7078 X 3pixel CCD Linear Sensor (Color)
ILX522K SONY-ILX522K Datasheet
180Kb / 12P
2048 X 2pixel CCD Linear Sensor (Color)
ILX524K SONY-ILX524K Datasheet
164Kb / 11P
2700 X 3pixel CCD Linear Sensor (Color)
ILX547K SONY-ILX547K Datasheet
129Kb / 11P
2700 X 3 pixel CCD Linear Sensor (Color)
ILX716K SONY-ILX716K Datasheet
145Kb / 12P
3648 X 3pixel CCD Linear Sensor (Color)
ILX724K SONY-ILX724K Datasheet
182Kb / 12P
2700 X 3pixel CCD Linear Sensor (Color)
ILX734LA SONY-ILX734LA Datasheet
152Kb / 12P
10500 X 3 pixel CCD Linear Sensor (Color)
ILX734K SONY-ILX734K Datasheet
186Kb / 11P
10500 X 3 pixel CCD Linear Sensor (Color)
logo
NEC
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Sony Corporation
ILX569K SONY-ILX569K Datasheet
113Kb / 13P
5340-pixel x 6 line CCD Linear Sensor (Color)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com