Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX522K Datasheet (PDF) - Sony Corporation

ILX522K Datasheet PDF - Sony Corporation
Part # ILX522K
Download  ILX522K Download
File Size   180.14 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2048 X 2pixel CCD Linear Sensor (Color)

ILX522K Datasheet (PDF)

Go To PDF Page Download Datasheet
ILX522K Datasheet PDF - Sony Corporation

Part # ILX522K
Download  ILX522K Click to download

File Size   180.14 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2048 X 2pixel CCD Linear Sensor (Color)

ILX522K Datasheet (HTML) - Sony Corporation


ILX522K Product details

Descriptions
The ILX522K is a reduction type CCD linear sensor designed for color image scanner use. This sensor reads B4 size documents at a density of 200 DPI. (Dot Per Inch), and has 2lines analog memories to adjust the position of green line and red/blue line. A built-in timing generator and clock drivers ensure direct drive at 5V logic.

Features
• Number of effective pixels: 2048 × 2pixels
• Pixel size
    Red/Blue pixel: 14µm × 12µm (14µm pitch)
    Green pixel: 14µm × 14µm (14µm pitch)
• Built-in timing generator, clock-drivers
• Ultra-low lag
• Good linearity
• High sensitivity
• Input Clock Pulse: CMOS 5V drive




Similar Part No. - ILX522K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX520K SONY-ILX520K Datasheet
122Kb / 10P
7078 X 3pixel CCD Linear Sensor (Color)
ILX521 SONY-ILX521 Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
ILX521 SONY-ILX521 Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
ILX521A SONY-ILX521A Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
ILX521AA SONY-ILX521AA Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
More results


Similar Description - ILX522K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX516K SONY-ILX516K Datasheet
132Kb / 11P
3648 X 3pixel CCD Linear Sensor (Color)
ILX520K SONY-ILX520K Datasheet
122Kb / 10P
7078 X 3pixel CCD Linear Sensor (Color)
ILX524K SONY-ILX524K Datasheet
164Kb / 11P
2700 X 3pixel CCD Linear Sensor (Color)
ILX716K SONY-ILX716K Datasheet
145Kb / 12P
3648 X 3pixel CCD Linear Sensor (Color)
ILX724K SONY-ILX724K Datasheet
182Kb / 12P
2700 X 3pixel CCD Linear Sensor (Color)
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
logo
ATMEL Corporation
TH7841A ATMEL-TH7841A Datasheet
207Kb / 12P
Linear CCD Image Sensor (2048 Pixels)
logo
Sony Corporation
ILX751B SONY-ILX751B Datasheet
113Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
logo
NEC
UPD3573 NEC-UPD3573 Datasheet
223Kb / 9P
2048-BIT CCD LINEAR IMAGE SENSOR
logo
Sony Corporation
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com