Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX524 Datasheet (PDF) - Sony Corporation

ILX524 Datasheet PDF - Sony Corporation
Part # ILX524
Download  ILX524 Download
File Size   164.94 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2700 X 3pixel CCD Linear Sensor (Color)

ILX524 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILX524 Datasheet PDF - Sony Corporation

Part # ILX524
Download  ILX524 Click to download

File Size   164.94 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2700 X 3pixel CCD Linear Sensor (Color)

ILX524 Datasheet (HTML) - Sony Corporation


ILX524 Product details

Description

The ILX524K is a reduction type CCD linear sensor developed for color image scanner. This sensor reads legal-size documents at a density of 300 DPI.



Features

• Number of effective pixels: 8100 pixels (2700 pixels ×3)

• Pixel size: 8µm ×8µm (8µm pitch)

• Distance between line: 64µm (8 Lines)

• Single-sided readout

• Ultra low lag / High sensitivity

• Single 12V power supply

• Input clock pulse: CMOS 5V drive

• Number of output 3 (R, G, B)

• Package: 22 pin cer-DIP (400 mil)




Similar Part No. - ILX524

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX524 SONY-ILX524 Datasheet
119Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
More results


Similar Description - ILX524

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX516K SONY-ILX516K Datasheet
132Kb / 11P
3648 X 3pixel CCD Linear Sensor (Color)
ILX520K SONY-ILX520K Datasheet
122Kb / 10P
7078 X 3pixel CCD Linear Sensor (Color)
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX547K SONY-ILX547K Datasheet
129Kb / 11P
2700 X 3 pixel CCD Linear Sensor (Color)
ILX716K SONY-ILX716K Datasheet
145Kb / 12P
3648 X 3pixel CCD Linear Sensor (Color)
ILX724K SONY-ILX724K Datasheet
182Kb / 12P
2700 X 3pixel CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
2700-pixel X 3 line CCD Linear Sensor (Color)
logo
NEC
UPD8862 NEC-UPD8862 Datasheet
191Kb / 24P
(2700 2700) PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com