Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX535K Datasheet (PDF) - Sony Corporation

ILX535K Datasheet PDF - Sony Corporation
Part # ILX535K
Download  ILX535K Download
File Size   132.32 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 5300 pixel X 3 line CCD Linear Sensor (Color)

ILX535K Datasheet (PDF)

Go To PDF Page Download Datasheet
ILX535K Datasheet PDF - Sony Corporation

Part # ILX535K
Download  ILX535K Click to download

File Size   132.32 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 5300 pixel X 3 line CCD Linear Sensor (Color)

ILX535K Datasheet (HTML) - Sony Corporation


ILX535K Product details

Description

The ILX535K is a reduction type CCD linear sensor developed for color image scanner. The distance

between lines is only 4 line (32µm). This sensor reads A4-size documents at a density of 600DPI.



Features

• Number of effective pixels: 15900 pixels(5300 pixels ×3)

• Pixel size: 8µm ×8µm (8µm pitch)

• Distance between line: 32µm (4 Lines)

• Number of output 3 (R, G, B)

• Single-sided readout

• Clamp circuit are on-chip

• Ultra high sensitivity/Ultra low lag

• Single 12V power supply

• Maximum data rate: 9MHz (3MHz ×3)

• Input Clock Pulse: CMOS 5V drive

• Package: 22 pin Plastic-DIP (400 mil)




Similar Part No. - ILX535K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX531A SONY-ILX531A Datasheet
252Kb / 14P
5150-pixel CCD Linear Sensor (B/W)
ILX532A SONY-ILX532A Datasheet
218Kb / 13P
7500-pixel CCD Linear Sensor (B/W)
ILX533 SONY-ILX533 Datasheet
129Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
More results


Similar Description - ILX535K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
5000-pixel X 3 line CCD Linear Sensor (Color)
ILX518K SONY-ILX518K Datasheet
128Kb / 11P
5363-pixel X 3 line CCD Linear Sensor (Color)
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX547K SONY-ILX547K Datasheet
129Kb / 11P
2700 X 3 pixel CCD Linear Sensor (Color)
ILX550K SONY-ILX550K Datasheet
150Kb / 11P
10680 pixel X 3 line CCD Linear Sensor (Color)
ILX718K SONY-ILX718K Datasheet
142Kb / 12P
5363-pixel X 3 line CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
2700-pixel X 3 line CCD Linear Sensor (Color)
ILX734LA SONY-ILX734LA Datasheet
152Kb / 12P
10500 X 3 pixel CCD Linear Sensor (Color)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com