Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX550K Datasheet (PDF) - Sony Corporation

ILX550K Datasheet PDF - Sony Corporation
Part # ILX550K
Download  ILX550K Download
File Size   150.17 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 10680 pixel X 3 line CCD Linear Sensor (Color)

ILX550K Datasheet (PDF)

Go To PDF Page Download Datasheet
ILX550K Datasheet PDF - Sony Corporation

Part # ILX550K
Download  ILX550K Click to download

File Size   150.17 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 10680 pixel X 3 line CCD Linear Sensor (Color)

ILX550K Datasheet (HTML) - Sony Corporation


ILX550K Product details

Description
The ILX550K is a reduction type CCD linear sensor developed for color image scanner. This sensor reads A4-size documents at a density of 1200DPI.

Features
• Number of effective pixels: 32040 pixels (10680 pixels × 3)
• Pixel size: 4µm × 4µm (4µm pitch)
• Distance between line: 32µm (8 lines)
• Single-sided readout
• Ultra low lag/High sensitivity
• Single 12V power supply
• Maximum data rate: 5MHz/Color
• Input Clock Pulse: CMOS 5V drive
• Number of output: 3 (R, G, B)
• Package: 24 pin Plastic DIP (400mil)




Similar Part No. - ILX550K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
5150-pixel CCD Linear Sensor (B/W)
ILX553B SONY-ILX553B Datasheet
107Kb / 12P
5150-pixel CCD Linear Sensor B W
ILX554 SONY-ILX554 Datasheet
109Kb / 13P
2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
More results


Similar Description - ILX550K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
5000-pixel X 3 line CCD Linear Sensor (Color)
ILX518K SONY-ILX518K Datasheet
128Kb / 11P
5363-pixel X 3 line CCD Linear Sensor (Color)
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX535K SONY-ILX535K Datasheet
132Kb / 11P
5300 pixel X 3 line CCD Linear Sensor (Color)
ILX555K SONY-ILX555K Datasheet
104Kb / 11P
10680 pixel 횞 3 line CCD Linear Sensor (Color)
ILX718K SONY-ILX718K Datasheet
142Kb / 12P
5363-pixel X 3 line CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
2700-pixel X 3 line CCD Linear Sensor (Color)
logo
NEC
UPD8871 NEC-UPD8871 Datasheet
168Kb / 24P
10680 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com