Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8289GSP Datasheet (PDF) - Richtek Technology Corporation

RT8289GSP Datasheet PDF - Richtek Technology Corporation
Part # RT8289GSP
Download  RT8289GSP Download
File Size   337.26 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 5A, 32V, 500kHz Step-Down Converter

RT8289GSP Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8289GSP Datasheet PDF - Richtek Technology Corporation

Part # RT8289GSP
Download  RT8289GSP Click to download

File Size   337.26 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 5A, 32V, 500kHz Step-Down Converter

RT8289GSP Datasheet (HTML) - Richtek Technology Corporation


RT8289GSP Product details

General Description

The RT8289 is a step-down regulator with an internal Power MOSFET. It achieves 5A of continuous output current over a wide input supply range with excellent load and line regulation. Current mode operation provides fast transient response and eases loop stabilization.



Features

High Output Current up to 5A

Internal Soft-Start

100mΩ Internal Power MOSFET Switch

Internal Compensation Minimizes External Parts Count

High Efficiency up to 90%

25μA Shutdown Current

Fixed 500kHz Frequency

Thermal Shutdown Protection

Cycle-by-Cycle Over Current Protection

Wide 5.5V to 32V Operating Input Range

Adjustable Output Voltage from 1.222V to 26V

Available in an SOP-8 (Exposed Pad) Package

RoHS Compliant and Halogen Free



Applications

Distributive Power Systems

LCD TV

DSL Modems

Pre-regulator for Linear Regulators

Battery Charger

 




Similar Part No. - RT8289GSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
3A, 24V, 3MHz Step-Down Converter
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8284 RICHTEK-RT8284 Datasheet
299Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
More results


Similar Description - RT8289GSP

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0020 MPS-EV0020 Datasheet
203Kb / 4P
2A, 32V, 330KHz Step-Down Converter
MP1591 MPS-MP1591_06 Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
RT2805A RICHTEK-RT2805A Datasheet
380Kb / 15P
5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
logo
Monolithic Power System...
MP1499 MPS-MP1499 Datasheet
550Kb / 18P
High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
21V, 5A, 500kHz Synchronous Step-down Converter
logo
Eutech Microelectronics...
EUP3489 EUTECH-EUP3489 Datasheet
568Kb / 1P
5A,30V,500KHz Step-Down Converter
logo
Monolithic Power System...
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
NB634 MPS-NB634 Datasheet
349Kb / 13P
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
logo
Unisonic Technologies
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com